Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33TF70A Datasheet(PDF) 62 Page - Microchip Technology

Part # JS28F128P33TF70A
Description  128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS28F128P33TF70A Datasheet(HTML) 62 Page - Microchip Technology

Back Button JS28F128P33TF70A Datasheet HTML 58Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 59Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 60Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 61Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 62Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 63Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 64Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 65Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
62
Order Number: 208034-04
Table 31: CFI Identification
Offset
Length
Description
Add.
Hex
Code
Value
10h
3
Query-unique ASCII string “QRY”
10:
11:
12:
-51
-52
-59
“Q”
“R”
“Y”
13h
2
Primary vendor command set and control interface ID code.
16-bit ID code for vendor-specified algorithms
13:
14:
-01
-00
15h
2
Extended Query Table primary algorithm address
15:
16:
-0A
-01
17h
2
Alternate vendor command set and control interface ID code.
0000h means no second vendor-specified algorithm exists
17:
18:
-00
-00
19h
2
Secondary algorithm Extended Query Table address.
0000h means none exists
19:
1A:
-00
-00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com