Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33TF70A Datasheet(PDF) 36 Page - Microchip Technology

Part # JS28F128P33TF70A
Description  128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS28F128P33TF70A Datasheet(HTML) 36 Page - Microchip Technology

Back Button JS28F128P33TF70A Datasheet HTML 32Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 33Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 34Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 35Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 36Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 37Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 38Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 39Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
36
Order Number: 208034-04
11.1.3
End of Word Line (EOWL) Considerations
End of Wordline (EOWL) WAIT states can result when the starting address of the burst
operation is not aligned to an 8-word boundary; that is, A[3:1] of start address does
not equal 0x0. Figure 10, “End of Wordline Timing Diagram” on page 36 illustrates the
end of wordline WAIT state(s), which occur after the first 8-word boundary is reached.
The number of data words and the number of WAIT states is summarized in Table 14,
“End of Wordline Data and WAIT state Comparison” on page 37for both P33-130nm
and P33-65nm SBC devices.
Figure 9: Example Latency Count Setting Using Code 3
CLK
CE#
ADV#
A[MAX:0]
D[15:0]
t
Data
Code 3
Address
Data
01
2
34
R103
High-Z
A[MAX:1]
Figure 10: End of Wordline Timing Diagram
A[Max:1]
ADV#
OE#
WAIT
DQ[15:0]
Data
Data
Data
EOW L
CLK
Latency Count
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com