Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33TF70A Datasheet(PDF) 70 Page - Microchip Technology

Part # JS28F128P33TF70A
Description  128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS28F128P33TF70A Datasheet(HTML) 70 Page - Microchip Technology

Back Button JS28F128P33TF70A Datasheet HTML 66Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 67Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 68Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 69Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 70Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 71Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 72Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 73Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
70
Order Number: 208034-04
Table 40: Partition and Erase Block Region Information
Add
64-Mbit
128-Mbit
-B
-T
-B
-T
12D:
-01
-01
-01
-01
12E:
-24
-24
-24
-24
12F:
-00
-00
-00
-00
130:
-01
-01
-01
-01
131:
-00
-00
-00
-00
132:
-11
-11
-11
-11
133:
-00
-00
-00
-00
134:
-00
-00
-00
-00
135:
-02
-02
-02
-02
136:
-03
-3E
-03
-7E
137:
-00
-00
-00
-00
138:
-80
-00
-80
-00
139:
-00
-02
-00
-02
13A:
-64
-64
-64
-64
13B:
-00
-00
-00
-00
13C:
-02
-02
-02
-02
13D:
-03
-03
-03
-03
13E:
-00
-00
-00
-00
13F:
-80
-80
-80
-80
140:
-00
-00
-00
-00
141:
-00
-00
-00
-00
142
-00
-00
-00
-00
143:
-80
-80
-80
-80
144:
-3E
-03
-7E
-03
145:
-00
-00
-00
-00
146:
-00
-80
-00
-80
147:
-02
-00
-02
-00
148:
-64
-64
-64
-64
149:
-00
-00
-00
-00
14A:
-02
-02
-02
-02
14B:
-03
-03
-03
-03
14C:
-00
-00
-00
-00
14D:
-80
-80
-80
-80
14E:
-00
-00
-00
-00
14F:
-00
-00
-00
-00
150:
-00
-00
-00
-00
151:
-80
-80
-80
-80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com