Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33TF70A Datasheet(PDF) 47 Page - Microchip Technology

Part # JS28F128P33TF70A
Description  128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS28F128P33TF70A Datasheet(HTML) 47 Page - Microchip Technology

Back Button JS28F128P33TF70A Datasheet HTML 43Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 44Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 45Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 46Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 47Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 48Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 49Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 50Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
Datasheet
Jul 2011
47
Order Number:208034-04
P33-65nm SBC
14.2
DC Voltage Characteristics
IPPBC
VPP Blank Check
0.05
0.10
0.05
0.10
mA
VPP = VPPL
3
5
10
5
10
VPP = VPPH
Notes:
1.
All currents are RMS unless noted. Typical values at typical VCC, TC = +25 °C.
2.
ICCS is the average current measured over any 5 ms time interval 5 µs after CE# is deasserted.
3.
Sampled, not 100% tested.
4.
ICCES is specified with the device deselected. If device is read while in erase suspend, current is ICCES plus ICCR.
5.
ICCW, ICCE measured over typical or max times specified in Section 15.5, “Program and Erase
Characteristics” on page 58.
6.
if VIN > VCC the input load current increases to 10µA max.
7.
the IPPS, IPPWS, IPPES Will increase to 200µA when VPP/WP# is at VPPH.
Table 21: DC Voltage Characteristics
Sym
Parameter
CMOS Inputs
(VCCQ = 2.3 V – 3.6 V)
TTL Inputs (1)
(VCCQ = 2.4 V – 3.6 V)
Unit
Test Conditions
Notes
Min
Max
Min
Max
VIL
Input Low Voltage
-0.5
0.4
-0.5
0.6
V
-
2
VIH
Input High Voltage
VCCQ – 0.4
VCCQ + 0.5
2.0
VCCQ + 0.5
V
-
VOL
Output Low Voltage
-
0.2
-
0.2
V
VCC = VCC Min
VCCQ = VCCQ Min
IOL = 100 µA
-
VOH
Output High Voltage
VCCQ – 0.2
-
VCCQ – 0.2
-
V
VCC = VCC Min
VCCQ = VCCQ Min
IOH = –100 µA
-
VPPLK
VPP Lock-Out Voltage
-
0.4
-
0.4
V
-
3
VLKO
VCC Lock Voltage
1.5
-
1.5
-
V
-
-
VLKOQ
VCCQ Lock Voltage
0.9
-
0.9
-
V
-
-
VPPL
VPP Voltage Supply
(Logic Level)
1.5
3.6
1.5
3.6
V
-
-
VPPH
Buffered Enhanced
Factory Programming
VPP
8.5
9.5
8.5
9.5
V
-
-
Notes:
1.
Synchronous read mode is not supported with TTL inputs.
2.
VIL can undershoot to –0.4 V and VIH can overshoot to VCCQ + 0.4 V for durations of 20 ns or less.
3.
VPP ≤ VPPLK inhibits erase and program operations. Do not use VPPL and VPPH outside their valid ranges.
Table 20: DC Current Characteristics (Sheet 2 of 2)
Sym
Parameter
CMOS Inputs
(VCCQ =
2.3 V - 3.6 V)
TTL Inputs
(VCCQ =
2.4 V - 3.6 V) Unit
Test Conditions
Notes
Typ
Max
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com