Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F87X Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F87X
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87X Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F87X Datasheet HTML 39Page - Microchip Technology PIC16F87X Datasheet HTML 40Page - Microchip Technology PIC16F87X Datasheet HTML 41Page - Microchip Technology PIC16F87X Datasheet HTML 42Page - Microchip Technology PIC16F87X Datasheet HTML 43Page - Microchip Technology PIC16F87X Datasheet HTML 44Page - Microchip Technology PIC16F87X Datasheet HTML 45Page - Microchip Technology PIC16F87X Datasheet HTML 46Page - Microchip Technology PIC16F87X Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 218 page
background image
 1998-2013 Microchip Technology Inc.
DS30292D-page 43
PIC16F87X
4.2
Reading the EEPROM Data
Memory
Reading EEPROM data memory only requires that the
desired address to access be written to the EEADR
register and clear the EEPGD bit. After the RD bit is set,
data will be available in the EEDATA register on the
very next instruction cycle. EEDATA will hold this value
until another read operation is initiated or until it is writ-
ten by firmware.
The steps to reading the EEPROM data memory are:
1.
Write the address to EEDATA. Make sure that
the address is not larger than the memory size
of the PIC16F87X device.
2.
Clear the EEPGD bit to point to EEPROM data
memory.
3.
Set the RD bit to start the read operation.
4.
Read the data from the EEDATA register.
EXAMPLE 4-1:
EEPROM DATA READ
4.3
Writing to the EEPROM Data
Memory
There are many steps in writing to the EEPROM data
memory. Both address and data values must be written
to the SFRs. The EEPGD bit must be cleared, and the
WREN bit must be set, to enable writes. The WREN bit
should be kept clear at all times, except when writing to
the EEPROM data. The WR bit can only be set if the
WREN bit was set in a previous operation, i.e., they
both cannot be set in the same operation. The WREN
bit should then be cleared by firmware after the write.
Clearing the WREN bit before the write actually com-
pletes will not terminate the write in progress.
Writes to EEPROM data memory must also be pref-
aced with a special sequence of instructions, that pre-
vent inadvertent write operations. This is a sequence of
five instructions that must be executed without interrup-
tions. The firmware should verify that a write is not in
progress, before starting another cycle.
The steps to write to EEPROM data memory are:
1.
If step 10 is not implemented, check the WR bit
to see if a write is in progress.
2.
Write the address to EEADR. Make sure that the
address is not larger than the memory size of
the PIC16F87X device.
3.
Write the 8-bit data value to be programmed in
the EEDATA register.
4.
Clear the EEPGD bit to point to EEPROM data
memory.
5.
Set the WREN bit to enable program operations.
6.
Disable interrupts (if enabled).
7.
Execute the special five instruction sequence:
• Write 55h to EECON2 in two steps (first to W,
then to EECON2)
• Write AAh to EECON2 in two steps (first to
W, then to EECON2)
• Set the WR bit
8.
Enable interrupts (if using interrupts).
9.
Clear the WREN bit to disable program opera-
tions.
10. At the completion of the write cycle, the WR bit
is cleared and the EEIF interrupt flag bit is set.
(EEIF must be cleared by firmware.) If step 1 is
not implemented, then firmware should check
for EEIF to be set, or WR to clear, to indicate the
end of the program cycle.
EXAMPLE 4-2:
EEPROM DATA WRITE
BSF
STATUS, RP1
;
BCF
STATUS, RP0
;Bank 2
MOVF
ADDR, W
;Write address
MOVWF
EEADR
;to read from
BSF
STATUS, RP0
;Bank 3
BCF
EECON1, EEPGD
;Point to Data memory
BSF
EECON1, RD
;Start read operation
BCF
STATUS, RP0
;Bank 2
MOVF
EEDATA, W
;W = EEDATA
BSF
STATUS, RP1
;
BSF
STATUS, RP0
;Bank 3
BTFSC
EECON1, WR
;Wait for
GOTO
$-1
;write to finish
BCF
STATUS, RP0
;Bank 2
MOVF
ADDR, W
;Address to
MOVWF
EEADR
;write to
MOVF
VALUE, W
;Data to
MOVWF
EEDATA
;write
BSF
STATUS, RP0
;Bank 3
BCF
EECON1, EEPGD ;Point to Data memory
BSF
EECON1, WREN
;Enable writes
;Only disable interrupts
BCF
INTCON, GIE
;if already enabled,
;otherwise discard
MOVLW
0x55
;Write 55h to
MOVWF
EECON2
;EECON2
MOVLW
0xAA
;Write AAh to
MOVWF
EECON2
;EECON2
BSF
EECON1, WR
;Start write operation
;Only enable interrupts
BSF
INTCON, GIE
;if using interrupts,
;otherwise discard
BCF
EECON1, WREN
;Disable writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com