Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F87X Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16F87X
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87X Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F87X Datasheet HTML 100Page - Microchip Technology PIC16F87X Datasheet HTML 101Page - Microchip Technology PIC16F87X Datasheet HTML 102Page - Microchip Technology PIC16F87X Datasheet HTML 103Page - Microchip Technology PIC16F87X Datasheet HTML 104Page - Microchip Technology PIC16F87X Datasheet HTML 105Page - Microchip Technology PIC16F87X Datasheet HTML 106Page - Microchip Technology PIC16F87X Datasheet HTML 107Page - Microchip Technology PIC16F87X Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 218 page
background image
PIC16F87X
DS30292D-page 104
 1998-2013 Microchip Technology Inc.
FIGURE 10-7:
ASYNCHRONOUS RECEPTION WITH ADDRESS DETECT
FIGURE 10-8:
ASYNCHRONOUS RECEPTION WITH ADDRESS BYTE FIRST
TABLE 10-7:
REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION
START
bit
bit1
bit0
bit8
bit0
STOP
bit
START
bit
bit8
STOP
bit
RC7/RX/DT (pin)
Load RSR
Read
RCIF
Word 1
RCREG
Bit8 = 0, Data Byte
Bit8 = 1, Address Byte
Note:
This timing diagram shows a data byte followed by an address byte. The data byte is not read into the RCREG (receive buffer)
because ADDEN = 1.
START
bit
bit1
bit0
bit8
bit0
STOP
bit
START
bit
bit8
STOP
bit
RC7/RX/DT (pin)
Load RSR
Read
RCIF
Word 1
RCREG
Bit8 = 1, Address Byte
Bit8 = 0, Data Byte
Note:
This timing diagram shows a data byte followed by an address byte. The data byte is not read into the RCREG (receive buffer)
because ADDEN was not updated and still = 0.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
RESETS
0Bh, 8Bh,
10Bh,18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
R0IF
0000 000x
0000 000u
0Ch
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF TMR1IF 0000 0000
0000 0000
18h
RCSTA
SPEN
RX9
SREN
CREN ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
1Ah
RCREG
USART Receive Register
0000 0000
0000 0000
8Ch
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE TMR2IE TMR1IE 0000 0000
0000 0000
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—BRGH
TRMT
TX9D
0000 -010
0000 -010
99h
SPBRG
Baud Rate Generator Register
0000 0000
0000 0000
Legend: x = unknown, - = unimplemented locations read as '0'. Shaded cells are not used for asynchronous reception.
Note
1: Bits PSPIE and PSPIF are reserved on PIC16F873/876 devices; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com