Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-I/ST Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP2515-I/ST Datasheet HTML 24Page - Microchip Technology MCP2515-I/ST Datasheet HTML 25Page - Microchip Technology MCP2515-I/ST Datasheet HTML 26Page - Microchip Technology MCP2515-I/ST Datasheet HTML 27Page - Microchip Technology MCP2515-I/ST Datasheet HTML 28Page - Microchip Technology MCP2515-I/ST Datasheet HTML 29Page - Microchip Technology MCP2515-I/ST Datasheet HTML 30Page - Microchip Technology MCP2515-I/ST Datasheet HTML 31Page - Microchip Technology MCP2515-I/ST Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
MCP2515
DS21801G-page 28
 2003-2012 Microchip Technology Inc.
REGISTER 4-2:
RXB1CTRL – RECEIVE BUFFER 1 CONTROL
(ADDRESS: 70h)
U-0
R/W-0
R/W-0
U-0
R-0
R-0
R-0
R-0
—
RXM1
RXM0
—
RXRTR
FILHIT2
FILHIT1
FILHIT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-5
RXM<1:0>: Receive Buffer Operating mode bits
11
= Turn mask/filters off; receive any message
10
= Receive only valid messages with extended identifiers that meet filter criteria
01
= Receive only valid messages with standard identifiers that meet filter criteria
00
= Receive all valid messages using either standard or extended identifiers that meet filter criteria
bit 4
Unimplemented: Read as ‘0’
bit 3
RXRTR: Received Remote Transfer Request bit
1
= Remote Transfer Request Received
0
= No Remote Transfer Request Received
bit 2-0
FILHIT<2:0>: Filter Hit bits - indicates which acceptance filter enabled reception of message
101
=
Acceptance Filter 5 (RXF5)
100
=
Acceptance Filter 4 (RXF4)
011
=
Acceptance Filter 3 (RXF3)
010
=
Acceptance Filter 2 (RXF2)
001
=
Acceptance Filter 1 (RXF1) (Only if BUKT bit set in RXB0CTRL)
000
=
Acceptance Filter 0 (RXF0) (Only if BUKT bit set in RXB0CTRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com