Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-I/ST Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP2515-I/ST Datasheet HTML 47Page - Microchip Technology MCP2515-I/ST Datasheet HTML 48Page - Microchip Technology MCP2515-I/ST Datasheet HTML 49Page - Microchip Technology MCP2515-I/ST Datasheet HTML 50Page - Microchip Technology MCP2515-I/ST Datasheet HTML 51Page - Microchip Technology MCP2515-I/ST Datasheet HTML 52Page - Microchip Technology MCP2515-I/ST Datasheet HTML 53Page - Microchip Technology MCP2515-I/ST Datasheet HTML 54Page - Microchip Technology MCP2515-I/ST Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 51
MCP2515
7.0
INTERRUPTS
The MCP2515 has eight sources of interrupts. The
CANINTE register contains the individual interrupt
enable bits for each interrupt source. The CANINTF
register contains the corresponding interrupt flag bit for
each interrupt source. When an interrupt occurs, the
INT pin is driven low by the MCP2515 and will remain
low until the interrupt is cleared by the MCU. An
interrupt can not be cleared if the respective condition
still prevails.
It is recommended that the Bit Modify command be
used to reset flag bits in the CANINTF register rather
than normal write operations. This is done to prevent
unintentionally changing a flag that changes during the
Write command, potentially causing an interrupt to be
missed.
It should be noted that the CANINTF flags are
read/write and an interrupt can be generated by the
MCU setting any of these bits, provided the associated
CANINTE bit is also set.
7.1
Interrupt Code Bits
The source of a pending interrupt is indicated in the
CANSTAT.ICOD (interrupt code) bits, as indicated in
Register 10-2. In the event that multiple interrupts
occur, the INT will remain low until all interrupts have
been reset by the MCU. The CANSTAT.ICOD bits will
reflect the code for the highest priority interrupt that is
currently pending. Interrupts are internally prioritized
such that the lower the ICOD value, the higher the
interrupt priority. Once the highest priority interrupt
condition has been cleared, the code for the next
highest priority interrupt that is pending (if any) will be
reflected by the ICOD bits (see Table 7-1). Only those
interrupt sources that have their associated CANINTE
enable bit set will be reflected in the ICOD bits.
TABLE 7-1:
ICOD<2:0> DECODE
7.2
Transmit Interrupt
When
the
transmit
interrupt
is
enabled
(CANINTE.TXnIE = 1), an interrupt will be generated on
the INT pin once the associated transmit buffer
becomes empty and is ready to be loaded with a new
message. The CANINTF.TXnIF bit will be set to indicate
the source of the interrupt. The interrupt is cleared by
clearing the TXnIF bit.
7.3
Receive Interrupt
When
the
receive
interrupt
is
enabled
(CANINTE.RXnIE = 1), an interrupt will be generated
on the INT pin once a message has been successfully
received and loaded into the associated receive buffer.
This interrupt is activated immediately after receiving
the EOF field. The CANINTF.RXnIF bit will be set to
indicate the source of the interrupt. The interrupt is
cleared by clearing the RXnIF bit.
7.4
Message Error Interrupt
When an error occurs during the transmission or
reception of a message, the message error flag
(CANINTF.MERRF)
will
be
set
and,
if
the
CANINTE.MERRE bit is set, an interrupt will be
generated on the INT pin. This is intended to be used
to facilitate baud rate determination when used in
conjunction with Listen-Only mode.
7.5
Bus Activity Wake-up Interrupt
When the MCP2515 is in Sleep mode and the bus activity
wake-up interrupt is enabled (CANINTE.WAKIE = 1), an
interrupt will be generated on the INT pin and the
CANINTF.WAKIF bit will be set when activity is detected
on the CAN bus. This interrupt causes the MCP2515 to
exit Sleep mode. The interrupt is reset by clearing the
WAKIF bit.
7.6
Error Interrupt
When
the
error
interrupt
is
enabled
(CANINTE.ERRIE = 1), an interrupt is generated on
the INT pin if an overflow condition occurs or if the error
state of the transmitter or receiver has changed. The
Error Flag (EFLG) register will indicate one of the
following conditions.
7.6.1
RECEIVER OVERFLOW
An overflow condition occurs when the MAB has
assembled a valid receive message (the message
meets the criteria of the acceptance filters) and the
receive buffer associated with the filter is not available
for loading of a new message. The associated
EFLG.RXnOVR bit will be set to indicate the overflow
condition. This bit must be cleared by the MCU.
ICOD<2:0>
Boolean Expression
000
ERR•WAK•TX0•TX1•TX2•RX0•RX1
001
ERR
010
ERR•WAK
011
ERR•WAK•TX0
100
ERR•WAK•TX0•TX1
101
ERR•WAK•TX0•TX1•TX2
110
ERR•WAK•TX0•TX1•TX2•RX0
111
ERR•WAK•TX0•TX1•TX2•RX0•RX1
Note:
ERR is associated with CANINTE,ERRIE.
Note:
The MCP2515 wakes up into Listen-Only
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com