Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-I/ST Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP2515-I/ST Datasheet HTML 40Page - Microchip Technology MCP2515-I/ST Datasheet HTML 41Page - Microchip Technology MCP2515-I/ST Datasheet HTML 42Page - Microchip Technology MCP2515-I/ST Datasheet HTML 43Page - Microchip Technology MCP2515-I/ST Datasheet HTML 44Page - Microchip Technology MCP2515-I/ST Datasheet HTML 45Page - Microchip Technology MCP2515-I/ST Datasheet HTML 46Page - Microchip Technology MCP2515-I/ST Datasheet HTML 47Page - Microchip Technology MCP2515-I/ST Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
MCP2515
DS21801G-page 44
 2003-2012 Microchip Technology Inc.
REGISTER 5-1:
CNF1 – CONFIGURATION 1 (ADDRESS: 2Ah)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
SJW<1:0>: Synchronization Jump Width Length bits
11
= Length = 4 x TQ
10
= Length = 3 x TQ
01
= Length = 2 x TQ
00
= Length = 1 x TQ
bit 5-0
BRP<5:0>: Baud Rate Prescaler bits
TQ = 2 x (BRP + 1)/FOSC
REGISTER 5-2:
CNF2 – CONFIGURATION 1 (ADDRESS: 29h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BTLMODE
SAM
PHSEG12
PHSEG11
PHSEG10
PRSEG2
PRSEG1
PRSEG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
BTLMODE: PS2 Bit Time Length bit
1
= Length of PS2 determined by PHSEG22:PHSEG20 bits of CNF3
0
= Length of PS2 is the greater of PS1 and IPT (2 TQ)
bit 6
SAM: Sample Point Configuration bit
1
= Bus line is sampled three times at the sample point
0
= Bus line is sampled once at the sample point
bit 5-3
PHSEG1<2:0>: PS1 Length bits
(PHSEG1 + 1) x TQ
bit 2-0
PRSEG<2:0>: Propagation Segment Length bits
(PRSEG + 1) x TQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com