Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-I/ST Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP2515-I/ST Datasheet HTML 39Page - Microchip Technology MCP2515-I/ST Datasheet HTML 40Page - Microchip Technology MCP2515-I/ST Datasheet HTML 41Page - Microchip Technology MCP2515-I/ST Datasheet HTML 42Page - Microchip Technology MCP2515-I/ST Datasheet HTML 43Page - Microchip Technology MCP2515-I/ST Datasheet HTML 44Page - Microchip Technology MCP2515-I/ST Datasheet HTML 45Page - Microchip Technology MCP2515-I/ST Datasheet HTML 46Page - Microchip Technology MCP2515-I/ST Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 43
MCP2515
5.3
Programming Time Segments
Some requirements for programming of the time
segments:
• PropSeg + PS1 >= PS2
• PropSeg + PS1 >= TDELAY
• PS2 > SJW
For example, assuming that a 125 kHz CAN baud rate
with FOSC = 20 MHz is desired:
TOSC = 50 ns, choose BRP<5:0> = 04h, then
TQ = 500 ns. To obtain 125 kHz, the bit time must be 16
TQ.
Typically, the sampling of the bit should take place at
about 60-70% of the bit time, depending on the system
parameters. Also, typically, the TDELAY is 1-2 TQ.
SyncSeg = 1 TQ and PropSeg = 2 TQ. So setting
PS1 = 7 TQ would place the sample at 10 TQ after the
transition. This would leave 6 TQ for PS2.
Since PS2 is 6, according to the rules, SJW could be a
maximum of 4 TQ. However, a large SJW is typically
only necessary when the clock generation of the differ-
ent nodes is inaccurate or unstable, such as using
ceramic resonators. So a SJW of 1 is usually enough.
5.4
Oscillator Tolerance
The bit timing requirements allow ceramic resonators
to be used in applications with transmission rates of up
to 125 kbit/sec as a rule of thumb. For the full bus
speed range of the CAN protocol, a quartz oscillator is
required. A maximum node-to-node oscillator variation
of 1.7% is allowed.
5.5
Bit Timing Configuration
Registers
The configuration registers (CNF1, CNF2, CNF3)
control the bit timing for the CAN bus interface. These
registers can only be modified when the MCP2515 is in
Configuration mode (see Section 10.0 “Modes of
Operation”).
5.5.1
CNF1
The BRP<5:0> bits control the Baud Rate Prescaler.
These bits set the length of TQ relative to the OSC1
input frequency, with the minimum TQ length being
2TOSC
(when
BRP<5:0>
=
‘b000000’).
The
SJW<1:0> bits select the SJW in terms of number of
TQs.
5.5.2
CNF2
The PRSEG<2:0> bits set the length (in TQ’s) of the
propagation segment. The PHSEG1<2:0> bits set the
length (in TQ’s) of PS1.
The SAM bit controls how many times the RXCAN pin
is sampled. Setting this bit to a ‘1’ causes the bus to be
sampled three times: twice at TQ/2 before the sample
point and once at the normal sample point (which is at
the end of PS1). The value of the bus is determined to
be the majority sampled. If the SAM bit is set to a ‘0’,
the RXCAN pin is sampled only once at the sample
point.
The BTLMODE bit controls how the length of PS2 is
determined. If this bit is set to a ‘1’, the length of PS2 is
determined by the PHSEG2<2:0> bits of CNF3 (see
Section 5.5.3 “CNF3”). If the BTLMODE bit is set to a
‘0’, the length of PS2 is greater than that of PS1 and the
information processing time (which is fixed at 2 TQ for
the MCP2515).
5.5.3
CNF3
The PHSEG2<2:0> bits set the length (in TQ’s) of PS2,
if the CNF2.BTLMODE bit is set to a ‘1’. If the
BTLMODE bit is set to a ‘0’, the PHSEG2<2:0> bits
have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com