Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-I/ST Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP2515-I/ST Datasheet HTML 51Page - Microchip Technology MCP2515-I/ST Datasheet HTML 52Page - Microchip Technology MCP2515-I/ST Datasheet HTML 53Page - Microchip Technology MCP2515-I/ST Datasheet HTML 54Page - Microchip Technology MCP2515-I/ST Datasheet HTML 55Page - Microchip Technology MCP2515-I/ST Datasheet HTML 56Page - Microchip Technology MCP2515-I/ST Datasheet HTML 57Page - Microchip Technology MCP2515-I/ST Datasheet HTML 58Page - Microchip Technology MCP2515-I/ST Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 55
MCP2515
8.0
OSCILLATOR
The MCP2515 is designed to be operated with a crystal
or ceramic resonator connected to the OSC1 and
OSC2 pins. The MCP2515 oscillator design requires
the use of a parallel cut crystal. Use of a series cut
crystal may give a frequency out of the crystal
manufacturer’s specifications. A typical oscillator circuit
is shown in Figure 8-1. The MCP2515 may also be
driven by an external clock source connected to the
OSC1 pin, as shown in Figure 8-2 and Figure 8-3.
8.1
Oscillator Start-up Timer
The MCP2515 utilizes an Oscillator Start-up Timer
(OST) that holds the MCP2515 in Reset to ensure that
the oscillator has stabilized before the internal state
machine begins to operate. The OST maintains Reset
for the first 128 OSC1 clock cycles after power-up or a
wake-up from Sleep mode occurs. It should be noted
that no SPI protocol operations should be attempted
until after the OST has expired.
8.2
CLKOUT Pin
The CLKOUT pin is provided to the system designer for
use as the main system clock or as a clock input for
other devices in the system. The CLKOUT has an inter-
nal prescaler which can divide FOSC by 1, 2, 4 and 8.
The CLKOUT function is enabled and the prescaler is
selected
via
the
CANCNTRL
register
(see
Register 10-1).
The CLKOUT pin will be active upon system Reset and
default to the slowest speed (divide by 8) so that it can
be used as the MCU clock.
When Sleep mode is requested, the MCP2515 will
drive sixteen additional clock cycles on the CLKOUT
pin before entering Sleep mode. The Idle state of the
CLKOUT pin in Sleep mode is low. When the CLKOUT
function is disabled (CANCNTRL.CLKEN = 0) the
CLKOUT pin is in a high-impedance state.
The CLKOUT function is designed to ensure that
thCLKOUT and tlCLKOUT timings are preserved when the
CLKOUT pin function is enabled, disabled or the
prescaler value is changed.
FIGURE 8-1:
CRYSTAL/CERAMIC RESONATOR OPERATION
FIGURE 8-2:
EXTERNAL CLOCK SOURCE
Note:
The maximum frequency on CLKOUT is
specified as 25 MHz (See Table 13-5).
C1
C2
XTAL
OSC2
RS(1)
OSC1
RF(2)
Sleep
To internal logic
Note 1: A series resistor (RS) may be required for AT strip-cut crystals.
2: The feedback resistor (RF ), is typically in the range of 2 to 10 M
.
Clock from
external system
OSC1
OSC2
Open
(1)
Note 1: A resistor to ground may be used to reduce system noise. This may increase system current.
2: Duty cycle restrictions must be observed (see Table 12-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com