Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-I/ST Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP2515-I/ST Datasheet HTML 48Page - Microchip Technology MCP2515-I/ST Datasheet HTML 49Page - Microchip Technology MCP2515-I/ST Datasheet HTML 50Page - Microchip Technology MCP2515-I/ST Datasheet HTML 51Page - Microchip Technology MCP2515-I/ST Datasheet HTML 52Page - Microchip Technology MCP2515-I/ST Datasheet HTML 53Page - Microchip Technology MCP2515-I/ST Datasheet HTML 54Page - Microchip Technology MCP2515-I/ST Datasheet HTML 55Page - Microchip Technology MCP2515-I/ST Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
MCP2515
DS21801G-page 52
 2003-2012 Microchip Technology Inc.
7.6.2
RECEIVER WARNING
The REC has reached the MCU warning limit of 96.
7.6.3
TRANSMITTER WARNING
The TEC has reached the MCU warning limit of 96.
7.6.4
RECEIVER ERROR-PASSIVE
The REC has exceeded the error-passive limit of 127
and the device has gone to error-passive state.
7.6.5
TRANSMITTER ERROR-PASSIVE
The TEC has exceeded the error-passive limit of 127
and the device has gone to error-passive state.
7.6.6
BUS-OFF
The TEC has exceeded 255 and the device has gone
to bus-off state.
7.7
Interrupt Acknowledge
Interrupts are directly associated with one or more
status flags in the CANINTF register. Interrupts are
pending as long as one of the flags is set. Once an
interrupt flag is set by the device, the flag can not be
reset by the MCU until the interrupt condition is
removed.
REGISTER 7-1:
CANINTE – INTERRUPT ENABLE
(ADDRESS: 2Bh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
MERRE
WAKIE
ERRIE
TX2IE
TX1IE
TX0IE
RX1IE
RX0IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
MERRE: Message Error Interrupt Enable bit
1
= Interrupt on error during message reception or transmission
0
=Disabled
bit 6
WAKIE: Wake-up Interrupt Enable bit
1
= Interrupt on CAN bus activity
0
=Disabled
bit 5
ERRIE: Error Interrupt Enable bit (multiple sources in EFLG register)
1
= Interrupt on EFLG error condition change
0
=Disabled
bit 4
TX2IE: Transmit Buffer 2 Empty Interrupt Enable bit
1
= Interrupt on TXB2 becoming empty
0
=Disabled
bit 3
TX1IE: Transmit Buffer 1 Empty Interrupt Enable bit
1
= Interrupt on TXB1 becoming empty
0
=Disabled
bit 2
TX0IE: Transmit Buffer 0 Empty Interrupt Enable bit
1
= Interrupt on TXB0 becoming empty
0
=Disabled
bit 1
RX1IE: Receive Buffer 1 Full Interrupt Enable bit
1
= Interrupt when message received in RXB1
0
=Disabled
bit 0
RX0IE: Receive Buffer 0 Full Interrupt Enable bit
1
= Interrupt when message received in RXB0
0
=Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com