Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-I/ST Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP2515-I/ST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ST Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP2515-I/ST Datasheet HTML 69Page - Microchip Technology MCP2515-I/ST Datasheet HTML 70Page - Microchip Technology MCP2515-I/ST Datasheet HTML 71Page - Microchip Technology MCP2515-I/ST Datasheet HTML 72Page - Microchip Technology MCP2515-I/ST Datasheet HTML 73Page - Microchip Technology MCP2515-I/ST Datasheet HTML 74Page - Microchip Technology MCP2515-I/ST Datasheet HTML 75Page - Microchip Technology MCP2515-I/ST Datasheet HTML 76Page - Microchip Technology MCP2515-I/ST Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 73
MCP2515
TABLE 13-2:
OSCILLATOR TIMING CHARACTERISTICS
TABLE 13-3:
CAN INTERFACE AC CHARACTERISTICS
TABLE 13-4:
RESET AC CHARACTERISTICS
Oscillator Timing Characteristics(Note)
Industrial (I):
TAMB = -40°C to +85°C
VDD = 2.7V to 5.5V
Extended (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
FOSC
Clock-In Frequency
1
1
40
25
MHz
MHz
4.5V to 5.5V
2.7V to 5.5V
TOSC
Clock-In Period
25
40
1000
1000
ns
ns
4.5V to 5.5V
2.7V to 5.5V
TDUTY
Duty Cycle
(External Clock Input)
0.45
0.55
—
TOSH/(TOSH + TOSL)
Note:
This parameter is periodically sampled and not 100% tested.
CAN Interface AC Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VDD = 2.7V to 5.5V
Extended (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
TWF
Wake-up Noise Filter
100
—
ns
RESET AC Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VDD = 2.7V to 5.5V
Extended (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
trl
RESET Pin Low Time
2
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com