| Electronic Components Datasheet Search |
|
30F4013 Datasheet(PDF) 124 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
30F4013 Datasheet(HTML) 124 Page - Microchip Technology |
|
124 / 228 page ![]() dsPIC30F3014/4013 DS70138G-page 124 2010 Microchip Technology Inc. size and Frame Sync generator control bits. A new I2S data transfer boundary is marked by a high-to-low or a low-to-high transition edge on the COFS pin. 18.3.6 SLAVE FRAME SYNC OPERATION When the DCI module is operating as a Frame Sync slave (COFSD = 1), data transfers are controlled by the Codec device attached to the DCI module. The COFSM control bits control how the DCI module responds to incoming COFS signals. In the Multichannel mode, a new data frame transfer begins one CSCK cycle after the COFS pin is sampled high (see Figure 18-2). The pulse on the COFS pin resets the Frame Sync generator logic. In the I2S mode, a new data word is transferred one CSCK cycle after a low-to-high or a high-to-low transi- tion is sampled on the COFS pin. A rising or falling edge on the COFS pin resets the Frame Sync generator logic. In the AC-Link mode, the tag slot and subsequent data slots for the next frame is transferred one CSCK cycle after the COFS pin is sampled high. The COFSG and WS bits must be configured to provide the proper frame length when the module is operating in the Slave mode. Once a valid Frame Sync pulse has been sampled by the module on the COFS pin, an entire data frame transfer takes place. The module will not respond to further Frame Sync pulses until the data frame transfer has completed. FIGURE 18-2: FRAME SYNC TIMING, MULTICHANNEL MODE FIGURE 18-3: FRAME SYNC TIMING, AC-LINK START-OF-FRAME FIGURE 18-4: I2S INTERFACE FRAME SYNC TIMING CSCK CSDI/CSDO COFS MSB LSB Tag MSb BIT_CLK CSDO or CSDI SYNC Tag bit 14 S12 LSb S12 bit 1 S12 bit 2 Tag bit 13 MSB LSB MSB LSB CSCK CSDI or CSDO WS Note: A 5-bit transfer is shown here for illustration purposes. The I2S protocol does not specify word length – this will be system dependent. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |