Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-21062LABZ-160 Datasheet(PDF) 40 Page - Analog Devices

Part # ADSP-21062LABZ-160
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21062LABZ-160 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADSP-21062LABZ-160 Datasheet HTML 36Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 37Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 38Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 39Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 40Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 41Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 42Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 43Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Rev. F
|
Page 40 of 64
|
March 2008
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Table 27. Link Ports—Transmit
5 V
3.3 V
Unit
Parameter
Min
Max
Min
Max
Timing Requirements
tSLACH
LACK Setup Before LCLK High
19
19
ns
tHLACH
LACK Hold After LCLK High
–6.75
–6.5
ns
Switching Characteristics
tDLCLK
Data Delay After CLKIN
8
8
ns
tDLDCH
Data Delay After LCLK High1
2.25
2.25
ns
tHLDCH
Data Hold After LCLK High2
–2.0
–2
ns
tLCLKTWL
LCLK Width Low3
(tCK/4) – 1
(tCK/4) + 1.25
(tCK/4) – 0.75
(tCK/4) + 1.5
ns
tLCLKTWH
LCLK Width High4
(tCK/4) – 1.25
(tCK/4) + 1
(tCK/4) – 1.5
(tCK/4) + 1
ns
tDLACLK
LCLK Low Delay After LACK High
(tCK/4) + 9
(3
u tCK/4) + 16.5 (tCK/4) + 9
(3
u tCK/4) + 16.5 ns
1 For ADSP-21060/ADSP-21060C, specification is 2.5 ns max.
2 For ADSP-21062L, specification is –2.25 ns min.
3 For ADSP-21060, specification is (tCK/4) – 1ns min, (tCK/4) + 1 ns max; for ADSP-21060C/ADSP-21062L, specification is (tCK/4) – 1 ns min, (tCK/4) + 1.5 ns max.
4 For ADSP-21060, specification is (tCK/4) – 1 ns min, (tCK/4) + 1 ns max; for ADSP-21060C, specification is (tCK/4) – 1.5 ns min, (tCK/4) + 1 ns max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com