Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-21062LABZ-160 Datasheet(PDF) 56 Page - Analog Devices

Part # ADSP-21062LABZ-160
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21062LABZ-160 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADSP-21062LABZ-160 Datasheet HTML 52Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 53Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 54Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 55Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 56Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 57Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 58Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 59Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Rev. F
|
Page 56 of 64
|
March 2008
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Figure 41. 240-Lead Metric Quad Flat Package, Thermally Enhanced “PowerQuad” [MQFP_PQ4]
(SP-240-2)
Dimensions shown in millimeters
COMPLIANT WITH JEDEC STANDARDS MS-029-GA
0.66
0.56
0.46
4.10
3.78
3.55
SEATING
PLANE
VIEW A
0.38
0.25
0.20
0.09
0.076
COPLANARITY
3.50
3.40
3.30
7°
0°
VIEW A
ROTATED 90° CCW
1
240
181
180
121
120
61
60
PIN 1
HEAT SLUG
TOP VIEW
(PINS DOWN)
34.60 BSC
SQ
29.50 REF
SQ
32.00 BSC
SQ
3.92
45°
(4 PLACES)
24.00 REF
SQ
0.27 MAX
0.17 MIN
0.50
BSC
LEAD PITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com