Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-21062LABZ-160 Datasheet(PDF) 46 Page - Analog Devices

Part # ADSP-21062LABZ-160
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21062LABZ-160 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADSP-21062LABZ-160 Datasheet HTML 42Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 43Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 44Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 45Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 46Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 47Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 48Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 49Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Rev. F
|
Page 46 of 64
|
March 2008
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
JTAG Test Access Port and Emulation
For JTAG Test Access Port and Emulation, see Table 36 and
Figure 27.
Table 36. JTAG Test Access Port and Emulation
Parameter
Min
Max
Unit
Timing Requirements
tTCK
TCK Period
tCK
ns
tSTAP
TDI, TMS Setup Before TCK High
5
ns
tHTAP
TDI, TMS Hold After TCK High
6
ns
tSSYS
System Inputs Setup Before TCK Low1
7ns
tHSYS
System Inputs Hold After TCK Low1, 2
18
ns
tTRSTW
TRST Pulse Width
4 tCK
ns
Switching Characteristics
tDTDO
TDO Delay from TCK Low
13
ns
tDSYS
System Outputs Delay After TCK Low3
18.5
ns
1 System Inputs = DATA63–0, ADDR31–0, RD, WR, ACK, SBTS, HBR, HBG, CS, DMAR1, DMAR2, BR6–1, ID2–0, RPBA, IRQ2–0, FLAG3–0, PA, BRST, DR0, DR1, TCLK0,
TCLK1, RCLK0, RCLK1, TFS0, TFS1, RFS0, RFS1, LxDAT7–0, LxCLK, LxACK, EBOOT, LBOOT, BMS, CLKIN, RESET.
2 For ADSP-21060L/ADSP-21060LC/ADSP-21062L, specification is 18.5 ns min.
3 System Outputs = DATA63–0, ADDR31–0, MS3–0, RD, WR, ACK, PAGE, CLKOUT, HBG, REDY, DMAG1, DMAG2, BR6–1, PA, BRST, CIF, FLAG3–0, TIMEXP, DT0,
DT1, TCLK0, TCLK1, RCLK0, RCLK1, TFS0, TFS1, RFS0, RFS1, LxDAT7–0, LxCLK, LxACK, BMS.
Figure 27. JTAG Test Access Port and Emulation
TCK
TMS
TDI
TDO
SYSTEM
INPUTS
SYSTEM
OUTPUTS
tSTAP
tTCK
tHTAP
tDTDO
tSSYS
tHSYS
tDSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com