Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8T143 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 8Page - STMicroelectronics STM8T143 Datasheet HTML 9Page - STMicroelectronics STM8T143 Datasheet HTML 10Page - STMicroelectronics STM8T143 Datasheet HTML 11Page - STMicroelectronics STM8T143 Datasheet HTML 12Page - STMicroelectronics STM8T143 Datasheet HTML 13Page - STMicroelectronics STM8T143 Datasheet HTML 14Page - STMicroelectronics STM8T143 Datasheet HTML 15Page - STMicroelectronics STM8T143 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
STM8T ProxSense technology
STM8T143
12/65
DocID18315 Rev 6
Figure 5. STM8T143 measuring circuitry
1. RX must be placed as close as possible to the device.
The principle of charge transfer is to charge the electrode capacitance (CX) using a stable
power supply. When CX is fully charged, part of the accumulated charge is transferred from
CX to an internal sampling capacitance, referred to as CS. The transfer cycle is repeated
until the voltage across the sampling capacitor CS reaches the end of acquisition reference
voltage (VTRIP). The change in the electrode capacitance, caused by the presence or
absence of the human body, is detected by measuring the number of transfer cycles
composing a burst (see Figure 6).
Throughout this document the following naming conventions apply:
•
The charge transfer period (
tTRANSFER) refers to the charging of CX and the
subsequent transfer of the charge to CS.
•
The burst cycle duration (tBURST) is the time required to charge CS to VTRIP. The burst
count is the number of charge transfer periods (tTRANSFER) during one tBURST cycle.
•
The sampling period (tSAMPLING) is the acquisition rate.
Figure 6. Signal monitored on CX pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com