Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8T143 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 44Page - STMicroelectronics STM8T143 Datasheet HTML 45Page - STMicroelectronics STM8T143 Datasheet HTML 46Page - STMicroelectronics STM8T143 Datasheet HTML 47Page - STMicroelectronics STM8T143 Datasheet HTML 48Page - STMicroelectronics STM8T143 Datasheet HTML 49Page - STMicroelectronics STM8T143 Datasheet HTML 50Page - STMicroelectronics STM8T143 Datasheet HTML 51Page - STMicroelectronics STM8T143 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Package characteristics
STM8T143
48/65
DocID18315 Rev 6
10.1
Package mechanical data
10.1.1
SO8 package mechanical data
Figure 22. SO8-lead plastic small outline - package outline
Table 25. SO8-lead plastic small outline - package mechanical data
Symbol
millimeters
inches (1)
1. Values in inches are rounded to 4 decimal digits
Min
Typ
Max
Min
Typ
Max
A
-
-
1.750
-
-
0.0689
A1
0.100
-
0.250
0.0039
-
0.0098
A2
1.250
-
-
0.0492
-
-
b
0.280
-
0.480
0.0110
-
0.0189
c
0.170
-
0.230
0.0067
-
0.0091
ccc
-
-
0.100
-
-
0.0039
D(2)
2. Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
should not exceed 0.15mm in total (both side).
4.800
4.900
5.000
0.1890
0.1929
0.1969
E
5.800
6.000
6.200
0.2283
0.2362
0.2441
E1(3)
3. Dimension E1 does not include interlead flash or protrusions. Interlead flash or protrusions should not
exceed 0.25 mm per side.
3.800
3.900
4.000
0.1496
0.1535
0.1575
e
-
1.270
-
-
0.0500
-
h
0.250
-
0.500
0.0098
-
0.0197
k
-
-
L
0.400
-
1.270
0.0157
-
0.0500
L1
-
1.040
-
-
0.0409
-
SO-A
E1
8
ccc
b
e
A
D
c
1
E
h x 45˚
A2
k
0.25 mm
L
L1
A1
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com