Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8T143 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 26Page - STMicroelectronics STM8T143 Datasheet HTML 27Page - STMicroelectronics STM8T143 Datasheet HTML 28Page - STMicroelectronics STM8T143 Datasheet HTML 29Page - STMicroelectronics STM8T143 Datasheet HTML 30Page - STMicroelectronics STM8T143 Datasheet HTML 31Page - STMicroelectronics STM8T143 Datasheet HTML 32Page - STMicroelectronics STM8T143 Datasheet HTML 33Page - STMicroelectronics STM8T143 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Device operation
STM8T143
30/65
DocID18315 Rev 6
6.2.2
Control mode
In Control mode, pin 8 can be used to halt the conversion or to freeze the reference (refer to
Section 5.4: Dynamic calibration (DYCAL)).
Halt conversion control mode
When the conversion is halted, the device is in low power consumption state (see device
electrical characteristics). In this state, the CTRL pin can be used to manage the power
consumption and/or control the acquisition to synchronize the sampling burst with external
events. This can be useful, for example, to halt acquisitions during noisy operations or to
synchronize an acquisition with the noise period.
When the CTRL pin is tied high for longer than tCTRL, the charge conversion cycle is halted,
once the current conversion has been completed. The device remains in this halt mode until
the CTRL line is tied low again. An automatic recalibration is performed directly after the
CTRL pin is released to compensate for any environmental changes which might have
occurred during the halt duration.
Reference freeze control mode
In this mode, the device reference evolution can be frozen according to the CTRL pin state.
The CTRL pin has precedence over the configuration bits selected for the reference freeze
timeout.
This function can be used to implement user-dedicated ECS management.
When the CTRL pin is tied high for longer than tCTRL, the filter is halted until this pin is tied
low.
If the host freezes the reference at device startup, the calibration starts after the reference
freeze is released.
Forced recalibration
Generating a pulse of trecal_control duration on the CTRL pin recalibrates the reference. The
ECS is reset, clearing the output state. Please refer to Table 16: General capacitive sensing
characteristics for trecal_control constraints.
If the signal value is outside its allowable range, the device forces an AET process event.
(refer to Section 5.1: Automatic electrode tuning (AET))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com