Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8T143 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 14Page - STMicroelectronics STM8T143 Datasheet HTML 15Page - STMicroelectronics STM8T143 Datasheet HTML 16Page - STMicroelectronics STM8T143 Datasheet HTML 17Page - STMicroelectronics STM8T143 Datasheet HTML 18Page - STMicroelectronics STM8T143 Datasheet HTML 19Page - STMicroelectronics STM8T143 Datasheet HTML 20Page - STMicroelectronics STM8T143 Datasheet HTML 21Page - STMicroelectronics STM8T143 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
STM8T143 processing
STM8T143
18/65
DocID18315 Rev 6
5.4
Dynamic calibration (DYCAL)
The STM8T143 DYCAL process is based on a dynamic threshold and reference
management which allows tracking of slow environmental changes even when the sensor is
in touch state. A low threshold is used to detect the proximity of an object, with a higher
threshold for touch detection. DYCAL is performed when a touch condition is detected for
longer than a certain period (tDYCAL). When a release condition occurs, the DYCAL
operation is performed instantaneously. Figure 9 represents the DYCAL operation for the
touch event (DYCAL_T) and for the release event (DYCAL_R).
After the DYCAL_R event, the AET process is frozen for a tAET_HALT delay.
Figure 9. DYCAL general operation
1. tAET_HALT = AET halt period after end of detection.
2. The release threshold (RTh) is a ratio of the touch threshold (TTh). TTh is selected by the “touch detection
threshold” option bits (TTh). The ratio is selected by the “release threshold ratio” option bits.
3. TFTh = Touch freeze threshold. Please refer to Table 16: General capacitive sensing characteristics and
Figure 12: IIR filter formula for the TFTh description.
4. In touch condition, the ECS allows the reference to adapt a slow signal variation change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com