Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8T143 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 12Page - STMicroelectronics STM8T143 Datasheet HTML 13Page - STMicroelectronics STM8T143 Datasheet HTML 14Page - STMicroelectronics STM8T143 Datasheet HTML 15Page - STMicroelectronics STM8T143 Datasheet HTML 16Page - STMicroelectronics STM8T143 Datasheet HTML 17Page - STMicroelectronics STM8T143 Datasheet HTML 18Page - STMicroelectronics STM8T143 Datasheet HTML 19Page - STMicroelectronics STM8T143 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
STM8T143 processing
STM8T143
16/65
DocID18315 Rev 6
5.3
Detection and release thresholds
During the detection operation, after calibration is over, the STM8T143 switches between
three operating states: no detection, proximity detection, and touch detection. The switch
between these states is driven by the difference between the signal and the reference.
The system goes from no detection to proximity detection state when the (reference - signal)
is higher than the proximity threshold (PTh). In this state, the ECS is halted and the
reference is frozen.
The system goes from no detection or proximity detection state to touch detection state
when the (reference - signal) is higher than the touch threshold (TTh). When this happens,
the reference value is changed to reflect the touch state after the delay tDYCAL. This process
is called dynamic calibration (DYCAL).
The system goes from the touch detection to no detection state when the (signal -
reference) goes above the release threshold (RTh). At this point, another DYCAL occurs for
the reference to represent the untouched state again.
For higher flexibility, several proximity and touch detection thresholds are available and
independently selectable through option byte: one PTh and one TTh.
•
The touch thresholds allow the touch sensitivity to be adapted to the panel thickness
and the electrode sensitivity.
•
The proximity thresholds allow the STM8T143 device to adapt to various surroundings
and to tune the detection distance.
The release threshold is a ratio of the touch threshold noted (TTh). TTh is selected by the
“touch detection threshold” option bits. The ratio is selected by the “release threshold ratio”
option bits.
A time filtering, similar to the debouncing of the mechanical switches, is applied to avoid
noise induced detections.
Please refer to Section 5.6: Debounce filter for operation details.
Figure 8 simplifies the proximity and touch detection event according to the signal variation
“
Δ (signal)”. The Δ (signal) is the absolute value of the reference minus the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com