Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8T143 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 27Page - STMicroelectronics STM8T143 Datasheet HTML 28Page - STMicroelectronics STM8T143 Datasheet HTML 29Page - STMicroelectronics STM8T143 Datasheet HTML 30Page - STMicroelectronics STM8T143 Datasheet HTML 31Page - STMicroelectronics STM8T143 Datasheet HTML 32Page - STMicroelectronics STM8T143 Datasheet HTML 33Page - STMicroelectronics STM8T143 Datasheet HTML 34Page - STMicroelectronics STM8T143 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
DocID18315 Rev 6
31/65
STM8T143
Device operation
64
6.2.3
Data streaming mode
The STM8T143 can stream data to allow designers fine tune the application and device
settings. Data streaming may also be used by an MCU to control events or to further
process the results obtained from STM8T143 devices. Data streaming is performed using a
1-wire communication data protocol on the data streaming output pin. When Data streaming
mode is enabled, the OUT function is no longer accessible.
Data streaming protocol
The data streaming output is open drain. Figure 16 illustrates the communication protocol
for initializing and sending data using a 1-wire communication protocol.
1.
Communications is initiated by a START bit.
2.
Following the START bit, a synchronization byte (0xAA) is sent. This byte can be used
by the MCU for clock synchronization.
3.
Following the synchronization byte, the data bytes are sent with the MSB first.
4.
Each byte sent is preceded by a START bit; a STOP bit follows every byte.
5.
The STOP bit does not have a defined period.
Figure 16. Data streaming frame
Data streaming is initiated by the STM8T143. When data streaming is enabled, a frame is
sent after each charge cycle. Therefore, the acquisition is not disturbed by the
communication itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com