Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7323KAI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7323KAI-TRG
Description  3.2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7323KAI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7323KAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APW7323/A
www.anpec.com.tw
8
Operating Waveforms
The test condition is APW7323, V
IN=VCC=5V, VOUT=1.8V, COUT =22µFx2, L=2.2µH, TA= 25
oC unless otherwise specified.
Load Transient
Load Transient
Current Limit
Over Voltage Protection
TIME: 50
µs/Div
CH2: IOUT, 1A/Div, DC
CH1: VOUT, 100mV/Div, offset=1.8V
IOUT=100mA-3A-100mA, Slew Rate=1A/
µs
TIME: 20
µs/Div
CH2: IOUT, 1A/Div, DC
CH1: VOUT, 100mV/Div, offset=1.8V
IOUT=1A-3A-1A, Slew Rate=1A/
µs
TIME: 200
µs/Div
CH2: VPOK, 5V/Div, DC
CH1: VOUT ,1V/Div, DC
CH3: IOUT, 2A/Div, DC
TIME: 200
µs/Div
CH2: VPOK, 5V/Div, DC
CH1: VOUT, 1V/Div, DC
CH3: IL, 2A/Div, DC
IOUT=100mA, a 2.5V power source is externally
attached to VOUT
1
VOUT
IOUT
2
1
VOUT
IOUT
2
1
V
OUT
IOUT
VPOK
2
3
1
VOUT
IL
VPOK
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com