Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7323KAI-TRG Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APW7323KAI-TRG
Description  3.2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7323KAI-TRG Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APW7323KAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 15Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 16Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 17Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 18Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 19Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APW7323/A
www.anpec.com.tw
15
Application Information (Cont.)
Output Capacitor Selection (Cont.)
I
LIM
I
L
I
PEAK
I
OUT
I
P-FET
∆I
L
Layout Considerations
For all switching power supplies, the layout is an impor-
tant step in the design; especially at high peak currents
and switching frequencies. If the layout is not carefully
done, the regulator might show noise problems and duty
cycle jitter.
1. The input capacitor should be placed close to the VIN
and GND. Connect the capacitor and VIN/GND with short
and wide trace without any via holes for good input volt-
age filtering. The distance between VIN/GND to capacitor
less than 2mm respectively is recommended.
2. To minimize copper trace connections that can inject
noise into the system, the inductor should be placed as
close as possible to the LX pin to minimize the noise
coupling into other circuits.
3. The output capacitor should be place closed to VOUT
and GND.
4. Keep the sensitive small signal nodes (FB) away from
switching nodes (LX) on the PCB. Therefore place the
feedback divider and the feedback compensation net-
work close to the IC to avoid switching noise. Connect
the ground of feedback divider directly to the GND pin of
the IC using a dedicated ground trace.
5. A star ground connection or ground plane minimizes
ground shifts and noise is recommended.
Recommended Minimum Footprint
1.27
0.5
1
2
3
4
8
7
6
5
3.8
Unit : mm
SOP-8P
1.75mm
Ground plane for
ThermalPAD
ThermalVia diameter
12mil X 5
0.275mm
0.75mm
0.50mm
TDFN3X3 -10
0.30mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com