Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7323KAI-TRG Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7323KAI-TRG
Description  3.2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7323KAI-TRG Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7323KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APW7323/A
www.anpec.com.tw
11
Typical Application Circuit
APW7323/A
VIN
VCC
LX
FB
V
IN
5V
V
OUT
1.8V/3.2A
COUT
22 Fx2
R1
25k
Ω
R2
20k
Ω
CIN
22
µF
L1
2.2
C2
1
µF
C1
22pF
GND
R4
2.2
Ω
EN
R5
C3
Off
On
PGND
POK
100k
Ω
Exposed
pad
µH
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com