Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7323KAI-TRG Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APW7323KAI-TRG
Description  3.2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7323KAI-TRG Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APW7323KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 15Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 16Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APW7323/A
www.anpec.com.tw
12
Function Description
VCC and VIN Power-On-Reset (POR)
TThe APW7323/A keeps monitoring the voltage on VIN
and VCC pins to prevent wrong logic operations which
may occur when VIN or VCC voltage is not high enough
for internal control circuitry to operate. The VCC POR ris-
ing threshold is 2.7V (typical) with 0.2V hysteresis and
VIN POR rising threshold is 2.3V with 0.05V hysteresis.
During startup, the VCC and VIN voltage must exceed the
POR threshold. Then the IC starts a starts-up process
and ramps up the output voltage to the voltage target.
Output Under-Voltage Protection (UVP)
In the operational process, if a short-circuit occurs, the
output voltage will drop quickly. Before the current-limit
circuit responds, the output voltage will fall out of the re-
quired regulation range. The under-voltage continually
monitors the FB voltage after soft-start is completed. If a
load step is strong enough to pull the output voltage lower
than the under-voltage threshold, the IC shuts down
converter’s output.
The under-voltage threshold is 50% of the nominal out-
put voltage. The under-voltage comparator has a built-in
3
µs noise filter to prevent the chips from wrong UVP shut-
down being caused by noise. The APW7323/A will be
latched after under-voltage protection.
Over-Voltage Protection (OVP)
The over-voltage function monitors the output voltage by
FB pin. When the FB voltage increases over 125% of the
reference voltage due to the high-side MOSFET failure or
for other reasons, the over-voltage protection comparator
will force the low-side MOSFET gate driver high. This ac-
tion actively pulls down the output voltage and eventually
attempts to blow the internal bonding wires. As soon as
the output voltage is less than 0.2V, the APW7323/A will
be latched off and needs a POR or enable to recover to
normal operation.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the APW7323/A. When the junction temperature
exceeds T
J =160
oC, a thermal sensor turns off the both
power MOSFETs, allowing the devices to cool.
Current-Limit Protection
The APW7323 monitors the output current, flows through
the high-side and low-side power MOSFETs, and limits
the current peak at current-limit level to prevent the IC
from damaging during overload, short-circuit and over-
voltage conditions. Typical high side power MOSFET cur-
rent limit is 4.8A, and low side MOSFET current limit is 1.
9A.
Soft-Start
The APW7323/A has a built-in soft-start to control the rise
rate of the output voltage and limit the input current surge
during start-up. During soft-start, an internal voltage ramp
connected to one of the positive inputs of the error
amplifier, rises up from 0V to 0.95V to replace the refer-
ence voltage (0.8V) until the voltage ramp reaches the
reference voltage. During soft-start without output over-
voltage, the APW7323/A converter’s sinking capability is
disabled until the output voltage reaches the voltage target.
Soft-Stop
At the moment of shutdown controlled by EN signal, un-
der-voltage event or over-temperature protection, the
APW7323/A initiates a soft-stop process to discharge the
output voltage in the output capacitors. Certainly, the load
current also discharges the output voltage. During soft-
stop, the internal voltage ramp (V
RAMP) falls down from 0.
95V to 0V to replace the reference voltage. Therefore, the
output voltage falls down slowly at the light load. After the
soft-stop interval elapses, the soft-stop process ends and
the IC turns on the low-side power MOSFET.
Enable and Shutdown
Driving EN to ground places the APW7323/A in shutdown.
In shutdown mode, the internal power MOSFETs turns
off, all internal circuitry shuts down and the quiescent
supply current reduces to less than 20
µA.
The thermal sensor allows the converters to start a start-
up process and to regulate the output voltage again after
the junction temperature cools by 50oC. The OTP is de-
signed with a 50oC hysteresis to lower the average T
J
during continuous thermal overload conditions, increas-
ing lifetime of the APW7323/A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com