Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7323KAI-TRG Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7323KAI-TRG
Description  3.2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7323KAI-TRG Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7323KAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APW7323/A
www.anpec.com.tw
6
Typical Operating Characteristics
Efficiency vs. Output Current
0.001
0.01
0.1
1
10
Output Current, IOUT(A)
50
60
70
80
90
100
APW7323, VIN =5V
VOUT =1.2V
VOUT =1.8V
VOUT =3.3V
High Side MOSFET Current Limit
Threshold vs. VIN Voltage
2.5
3
4.5
5
5.5
VIN Voltage,VVIN(V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
3.5
4
6
On-Resistance vs. VIN Voltage
VIN Voltage, VVIN (V)
2.5
3
3 .5
4
4.5
5
5.5
6
TA=25℃
P-MOSFET
N-MOSFET
70
75
80
85
90
95
100
105
110
115
120
Reference Voltage vs. Output
Current
0
0.5
1
1.5
2
Output Current, IOUT(A)
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
VCC Supply Current vs. VCC
Supply Voltage
VCC Supply Voltage (V)
2.5
3
0
100
200
300
400
500
600
3.5
4
4.5
5
5.5
6
VCC =5V, VIN =5V, VOUT =3.3V,
No Load, TA=25
℃
Efficiency vs. Output Current
Output Current, IOUT(A)
VOUT =1.2V
VOUT =3.3V
VOUT =1.8V
0
0.01
0.1
1
10
60
70
80
90
100
10
20
30
40
50
0
APW7323A, VIN =5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com