Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7323KAI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7323KAI-TRG
Description  3.2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7323KAI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7323KAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APW7323/A
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VCC
VCC Supply Voltage
2.9~ 6
V
VIN
VIN Supply Voltage
2.6~6
V
VOUT
Converter Output Voltage
0.8~6
V
L
Inductance
1~4.7
µH
COUT
Output Capacitor
10~220
µF
IOUT
Converter Output Current
0~3.2
A
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 4)
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
CC=VIN=5V, VOUT=3.3V and TA=-40~85
oC. Typical values
are at T
A=25
oC.
Note 4: Refer to the typical application circuit.
APW7323/A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IVCC
VCC Supply Current
VFB=0.7V
-
460
-
µA
IVCC_SD
VCC Shutdown Supply Current
EN=GND
-
-
40
µA
POWER-ON-RESET (POR)
VCC POR Voltage Threshold
VCC Rising
-
2.7
-
V
VCC POR Voltage Hysteresis
VCC Falling
-
200
-
mV
VCC Debounce Time
-
10
-
µs
VIN POR Voltage Threshold
VIN Rising
-
2.3
-
V
VIN POR Voltage Hysteresis
VIN Falling
-
50
-
mV
REFERENCE VOLTAGE
-
0.8
-
V
VREF
Reference Voltage
All temperature
-1
-
+1
%
Output Accuracy
IOUT=10mA~3A, VCC=2.9~5V
-1.5
-
+1.5
%
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air (Note 2)
SOP-8P
TDFN3x3-10
50
oC/W
θ
JC
Junction-to-Case Resistance in Free Air (Note 3)
SOP-8P
TDFN3x3-10
12
6
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of SOP-8P and TDFN3x3-10 is soldered directly on the PCB.
Note 3: The case temperature is measured at the center of the exposed pad on the underside of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com