Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7323KAI-TRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7323KAI-TRG
Description  3.2A, 5V, 1MHz Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7323KAI-TRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7323KAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7323KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APW7323/A
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
3.2A, 5V, 1MHz Synchronous Buck Converter
Features
General Description
•
High Efficiency up to 94%
•
Adjustable Output Voltage from 0.8V to V
PVDD
•
Operating from 2.9 to 6V Supply
•
Integrated 85m
Ω High Side / 75mΩ Low Side
MOSFETs
•
Low Dropout Operation: 100% Duty Cycle
•
Stable with Low ESR Ceramic Capacitors
•
Current up to 3.2A
•
Power-On-Reset Detection on VCC and VIN
•
Model Selection :
APW7323 : Automatic PFM/PWM
APW7323A : Forced PWM
•
Integrate Soft-Start and Soft-Stop
•
Over-Temperature Protection
•
Over-Voltage Protection
•
Under-Voltage Protection
•
High/ Low Side Current Limit
•
Power Good Indication
•
Enable/Shutdown Function
•
Available in SOP-8P and TDFN3x3-10 Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
•
Notebook Computer & UMPC
•
LCD Monitor/TV
•
Set-Top Box
•
DSL, Switch HUBr
•
Portable Instrument
APW7323/A is a synchronous buck converters with inte-
grated 85m
Ω high side and 75mΩ low side power
MOSFETs. The APW7323/A with a current-mode control
scheme can convert wide input voltage of 2.9V to 6V to
the output voltage adjustable from 0.8V to 6V to provide
excellent output voltage regulation.
The APW7323/A is equipped with an automatic Skip/PWM
mode operation. At light load , the IC operates in the Skip
mode to reduce the switching losses. At heavy load, the
IC works in PWM mode.
The APW7323/A is also equipped with Power-on-reset,
soft start, soft-stop, and whole protections (under-voltage,
over-voltage, over-temperature and current-limit) into a
single package.
This device, available in SOP-8P and TDFN3x3-10
packages, provides a very compact system solution ex-
ternal components and PCB area.
Simplified Application Circuit
VOUT
C3
R2
VIN
VCC
EN
GND PGND
FB
LX
C2
R3
APW7323/A
VIN
R1
C1
(optional)
L1
C4
OFF
ON
POK


Similar Part No. - APW7323KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7323KAI-TRG ANPEC-APW7323KAI-TRG Datasheet
361Kb / 22P
4A,5V, 500KHz Synchronous Buck Converter
More results

Similar Description - APW7323KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7325 ANPEC-APW7325 Datasheet
267Kb / 16P
5A 5V 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
3A 5V 1MHz Synchronous Buck Converter
logo
Global Mixed-mode Techn...
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
40V, 600MA, 1MHz synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM8115 HMSEMI-HM8115 Datasheet
590Kb / 8P
40V, 600MA, 1MHz synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com