Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 106Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 107Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 108Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 109Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 110Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 111Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 112Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 113Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 110
Preliminary
 2011 Microchip Technology Inc.
18.1.9
SETUP FOR PWM OPERATION
USING PWMx PINS
The following steps should be taken when configuring
the module for PWM operation using the PWMx pins:
1.
Disable the PWMx pin output driver(s) by setting
the associated TRIS bit(s).
2.
Clear the PWMxCON register.
3.
Load the PR2 register with the PWM period value.
4.
Clear the PWMxDCH register and bits <7:6> of
the PWMxDCL register.
5.
Configure and start Timer2:
• Clear the TMR2IF interrupt flag bit of the
PIR1 register. See Note below.
• Configure the T2CKPS bits of the T2CON
register with the Timer2 prescale value.
• Enable Timer2 by setting the TMR2ON bit of
the T2CON register.
6.
Enable PWM output pin and wait until Timer2
overflows, TMR2IF bit of the PIR1 register is set.
See Note below.
7.
Enable the PWMx pin output driver(s) by clear-
ing the associated TRIS bit(s) and setting the
PWMxOE bit of the PWMxCON register.
8.
Configure the PWM module by loading the
PWMxCON register with the appropriate values.
Note 1:
In order to send a complete duty cycle
and period on the first PWM output, the
above steps must be followed in the order
given. If it is not critical to start with a
complete PWM signal, then move Step 8
to replace Step 4.
2:
For operation with other peripherals only,
disable PWMx pin outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com