Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 109Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 110Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 111Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 112Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 113Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 114Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 115Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 116Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 113
PIC10(L)F320/322
19.0
CONFIGURABLE LOGIC CELL
(CLC)
The Configurable Logic Cell (CLCx) provides program-
mable logic that operates outside the speed limitations
of software execution. The logic cell selects any combi-
nation of the eight input signals and through the use of
configurable gates reduces the selected inputs to four
logic lines that drive one of eight selectable single-out-
put logic functions.
Input sources are a combination of the following:
• Two I/O pins
• Internal clocks
• Peripherals
• Register bits
The output can be directed internally to peripherals and
to an output pin.
Refer to Figure 19-1 for a simplified diagram showing
signal flow through the CLCx.
Possible configurations include:
• Combinatorial Logic
-AND
-NAND
- AND-OR
- AND-OR-INVERT
-OR-XOR
-OR-XNOR
• Latches
-S-R
- Clocked D with Set and Reset
- Transparent D with Set and Reset
- Clocked J-K with Reset
FIGURE 19-1:
CLCx SIMPLIFIED BLOCK DIAGRAM
lcxg1
lcxg2
lcxg3
lcxg4
Interrupt
det
Logic
Function
CLCx
LCxOE
lcxq
LCxPOL
LCxOUT
DQ
LE
Q1
LCxMODE<2:0>
lcx_out
CLCxIN[0]
CLCxIN[1]
CLCxIN[2]
CLCxIN[3]
CLCxIN[4]
CLCxIN[5]
CLCxIN[6]
CLCxIN[7]
TRIS Control
Interrupt
det
LCxINTP
LCxINTN
CLCxIF
sets
LCxEN
See Figure 19-2
flag
See Figure 19-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com