Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 167Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 168Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 169Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 170Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 171Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 172Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 173Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 174Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 171
PIC10(L)F320/322
24.1
DC Characteristics: PIC10(L)F320/322-I/E (Industrial, Extended)
PIC10LF320/322
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC10F320/322
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
D001
VDD
Supply Voltage
PIC10LF320/322
1.8
2.5
—
—
3.6
3.6
V
V
FOSC
 16 MHz:
FOSC
 20 MHz
D001
PIC10F320/322
2.3
2.5
—
—
5.5
5.5
V
V
FOSC
 16 MHz:
FOSC
 20 MHz
D002*
VDR
RAM Data Retention Voltage(1)
PIC10LF320/322
1.5
—
—
V
Device in Sleep mode
D002*
PIC10F320/322
1.7
—
—
V
Device in Sleep mode
VPOR*
Power-on Reset Release Voltage
—1.6
—
V
VPORR*
Power-on Reset Rearm Voltage
PIC10LF320/322
—
0.8
—
V
Device in Sleep mode
PIC10F320/322
—
1.7
—
V
Device in Sleep mode
D003
VADFVR
Fixed Voltage Reference Voltage
for ADC, Initial Accuracy
-7
-8
-7
-8
-7
-8
6
6
6
6
6
6
%
1.024V, VDD
 2.5V, 85°C
1.024V, VDD
 2.5V, 125°C
2.048V, VDD
 2.5V, 85°C
2.048V, VDD
 2.5V, 125°C
4.096V, VDD
 4.75V, 85°C
4.096V, VDD
 4.75V, 125°C
D003C* TCVFVR
Temperature Coefficient, Fixed
Voltage Reference
—
-130
—
ppm/°C
D003D*
VFVR/
VIN
Line Regulation, Fixed Voltage
Reference
—
0.270
—
%/V
D004*
SVDD
VDD Rise Rate
to ensure internal
Power-on Reset signal
0.05
—
—
V/ms
See Section 5.1 “Power-on Reset
(POR)”
for details.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note
1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com