Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 169Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 170Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 171Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 172Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 173Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 174Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 175Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 176Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 173
PIC10(L)F320/322
24.2
DC Characteristics: PIC10(L)F320/322-I/E (Industrial, Extended)
PIC10LF320/322
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC10F320/322
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
Supply Current (IDD)(1, 2)
D009
LDO Regulator
—
350
—
A
—
EC OR INTOSC (8-16 MHZ)
—
5
—
A
—
Sleep with Power-Save mode (requires FVR
and BOR to be disabled)
D013
—
140
—
A1.8
FOSC = 500 kHz
EC mode
—
317
—
A3.0
D013
—
156
—
A
2.3
FOSC = 500 kHz
EC mode
—
336
—
A
3.0
—
384
—
A
5.0
D014
—
225
—
A1.8
FOSC = 8 MHz
EC mode
—
475
—
A3.0
D014
—
250
—
A
2.3
FOSC = 8 MHz
EC mode
—
500
—
A
3.0
—
600
—
A
5.0
D015
—
3.4
—
mA
3.0
FOSC = 20 MHz
EC mode
—4.1
—
mA
3.6
D015
—
3.6
—
mA
3.0
FOSC = 20 MHz
EC mode
—
3.9
—
mA
5.0
D016
—
7
—
A1.8
FOSC = 32 kHz
LFINTOSC mode, 85°C
—10
—
A3.0
D016
—
21
—
A
2.3
FOSC = 32 kHz
LFINTOSC mode, 85°C
—
27
—
A
3.0
—
28
—
A
5.0
D016A
—
8
—
A1.8
FOSC = 32 kHz
LFINTOSC mode, 125°C
—11
—
A3.0
Note
1:
The test conditions for all IDD measurements in active operation mode are: CLKIN = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com