Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5470ZHKA Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 26Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 27Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 28Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 29Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 30Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 31Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 32Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 33Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
DSP Subsystem Functional Overview
21
December 2001 − Revised December 2002
SPRS017B
3.4
DSP Peripherals
The following section describes how the 5470 DSP subsystem peripherals differ from standard peripherals
as found on the TMS320VC5409.
3.4.1 Multichannel Buffered Serial Port (McBSP)
The 5470 provides high-speed, full-duplex serial ports that are similar to those found on the 5409 device. They
allow direct interface to other 54x devices, codecs, and other devices in a system. There are two multichannel
buffered serial ports (McBSPs) within the DSP subsystem.
3.4.1.1
Deriving Sample Clock from an External Clock
To accommodate applications that require an external reference clock to be divided down to create the frame
sync clock and internal sample rate clock, the 5470 McBSP allows either the receive clock pin (BCLKR) or
the transmit clock pin (BCLKX) to be configured as the input clock to the sample rate generator. This
enhancement is enabled through two register bits: pin control register (PCR) bit 7 [enhanced sample clock
mode (SCLKME)] and sample rate generator register 2 (SRGR2) bit 13 [McBSP sample rate generator clock
mode (CLKSM)]. SCLKME is an addition to the PCR contained in the McBSPs on previous TMS320C5000
DSP platform devices. The new bit layout of the PCR is shown in Figure 3−6. For a description of the remaining
bits, see TMS320C54x DSP Reference Set, Volume 5: Enhanced Peripherals (literature number SPRU302).
15
14
13
12
11
10
9
8
Reserved
XIOEN
RIOEN
FSXM
FSRM
CLKXM
CLKRM
RW
RW
RW
RW
RW
RW
RW
7
6
543
21
0
SCLKME
CLKS STAT
DX STAT
DR STAT
FSXP
FSRP
CLKXP
CLKRP
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R = Read, W = Write
Figure 3−6. Pin Control Register (PCR)
The selection of the sample rate generator (SRG) clock input source is made by the combination of the
CLKSM and SCLKME bit values as shown in Table 3−7.
Table 3−7. Sample Rate Generator Clock Source Selection
SCLKME
CLKSM
SRG CLOCK SOURCE
0
0
Reserved
0
1
DSP_CPU clock
1
0
BCLKR pin
1
1
BCLKX pin
When either of the bidirectional pins, BCLKR or BCLKX, is configured as the clock input, its output buffer is
automatically disabled. For example, with SCLKME = 1 and CLKSM = 0, the BCLKR pin is configured as the
SRG input. In this case, both the transmitter and receiver circuits can be synchronized to the SRG output by
setting the PCR bits (9:8) for CLKXM = 1 and CLKRM = 1. However, the SRG output is only driven onto the
BCLKX pin since the BCLKR pin is used in input mode.
TMS320C5000 is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com