Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5470ZHKA Datasheet(PDF) 58 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 54Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 55Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 56Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 57Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 58Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 59Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 60Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 61Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 94 page
background image
Electrical Specifications
49
December 2001 − Revised December 2002
SPRS017B
6.6
Memory and Parallel I/O Interface Timing
6.6.1 Memory Read
Table 6−6 and Table 6−7 assume testing over recommended operating conditions with DSP_MSTRB = 0 and
H = 0.5tc(CO) (see Figure 6−4).
Table 6−6. Memory Read Timing Requirements†
MIN
MAX
UNIT
ta(A)M
Access time, read data access from address valid
2H−15‡
ns
ta(MSTRBL)
Access time, read data access from DSP_MSTRB low
2H−15‡
ns
tsu(D)R
Setup time, read data before DSP_CLKOUT low
4
ns
th(D)R
Hold time, read data after DSP_CLKOUT low
4
ns
th(A-D)R
Hold time, read data after address invalid
0
ns
th(D)MSTRBH Hold time, read data after DSP_MSTRB high
0
ns
† Address, DSP_PS, and DSP_DS timings are all included in timings referenced as address.
‡ This access timing reflects a zero wait-state timing.
Table 6−7. Memory Read Switching Characteristics†
PARAMETER
MIN
MAX
UNIT
td(CLKL-A)
Delay time, DSP_CLKOUT low to address valid§
1.5
11.5
ns
td(CLKH-A)
Delay time, DSP_CLKOUT high (transition) to address valid¶
1.5
11.5
ns
td(CLKL-MSL)
Delay time, DSP_CLKOUT low to DSP_MSTRB low
1.5
11.5
ns
td(CLKL-MSH)
Delay time, DSP_CLKOUT low to DSP_MSTRB high
1.5
11.5
ns
th(CLKL-A)R
Hold time, address valid after DSP_CLKOUT low§
1.5
11.5
ns
th(CLKH-A)R
Hold time, address valid after DSP_CLKOUT high¶
1.5
11.5
ns
† Address, DSP_PS, and DSP_DS timings are all included in timings referenced as address.
§ In the case of a memory read preceded by a memory read
¶ In the case of a memory read preceded by a memory write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com