Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5470ZHKA Datasheet(PDF) 69 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 65Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 66Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 67Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 68Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 69Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 70Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 71Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 72Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
Electrical Specifications
60
December 2001 − Revised December 2002
SPRS017B
6.10 External Flag (DSP_XF) and DSP_TOUT Timings
Table 6−15 assumes testing over recommended operating conditions and H = 0.5tc(CO) (see Figure 6−14 and
Figure 6−15).
Table 6−15. DSP_XF and DSP_TOUT Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
td(XF)
Delay time, DSP_CLKOUT low to DSP_XF high
1.5
11.5
ns
td(XF)
Delay time, DSP_CLKOUT low to DSP_XF low
1.5
11.5
ns
td(TOUTH) Delay time, DSP_CLKOUT low to DSP_TOUT high
1.5
11.5
ns
td(TOUTL)
Delay time, DSP_CLKOUT low to DSP_TOUT low
1.5
11.5
ns
tw(TOUT)
Pulse duration, DSP_TOUT
2H−3
2H
2H+3
ns
DSP_XF
DSP_CLKOUT
td(XF)
Figure 6−14. DSP_XF Timing
DSP_TOUT
DSP_CLKOUT
tw(TOUT)
td(TOUTL)
td(TOUTH)
Figure 6−15. DSP_TOUT Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com