Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5470ZHKA Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 37Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 38Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 39Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 40Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 41Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 42Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 43Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 44Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
MCU Subsystem Functional Overview
32
December 2001 − Revised December 2002
SPRS017B
4.3
MCU Peripherals
The following section describes the 5470 MCU subsystem peripherals.
4.3.1 MCU Universal Asynchronous Receiver/Transmitter (UART) Interfaces
The UART modules perform serial-to-parallel conversion on data characters received and parallel-to-serial
conversion on data characters transmitted by the processor.
4.3.1.1
UART Modes
UART mode supports data transmission and data reception via two 64-word-deep FIFOs. Five different parity
types are enabled, with three different stop bit formats. The word length is between 5 and 8, and line break
can be generated and detected. The baud rate is generated from the MCU subsystem clock by a
programmable divisor. All transmitting parameters can be detected in reception mode by an auto-bauding
mechanism that recognizes speed, word size, parity, and the number of stop bits. Software flow control is
available in the UART/IrDA when in UART mode. The UART/modem supports both software and hardware
flow control when in UART mode. Hardware flow control can reduce the MCU software overhead required
to process data interrupts.
UART/Modem Mode
The UART/modem provides an autobauding mechanism. All operations are controllable either via a software
interface or using hardware flow control signals.
The UART/Modem provides five external pin signals (multiplexed with GPIO pins):
•
GPIO09/TX_MODEM: Output - transmit data
•
GPIO10/RX_MODEM: Input - receive data
•
GPIO11/CTS_MODEM: Input - clear to send
•
GPIO12/RTS_MODEM: Output - request to send
•
GPIO13/DCD_MODEM: Output - data carrier detected
The UART/modem features:
•
Line-break generation and detection
•
Interrupt system control
•
Loop-back capabilities for internal test
•
The autobauding supports speeds between 1200 and 115.2 Kbits/s.
•
Hardware flow control (DCD, RTS, CTS)
UART/IrDA Mode
In the UART/IrDA mode, an Infrared Data Association (IrDA) protocol encoder/decoder manages the RXIR
and TXIR signals to an IrDA transceiver. It includes the slow infrared (SIR) protocol in order to be connected
with an infrared transmitter to any external data peripherals with an IrDA compliant data interface.
The UART/IrDA provides three external pin signals (multiplexed with GPIO pins):
•
GPIO07/TX_IRDA/TXIR_IRDA: Output – transmit data
•
GPIO08/RX_IRDA/RXIR_IRDA: Input – receive data
•
GPIO06/CLK16X_IRDA/SD_IRDA: Output – shut down the IR transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com