Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5470ZHKA Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 34Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 35Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 36Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 37Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 38Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 39Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 40Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 41Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
MCU Subsystem Functional Overview
29
December 2001 − Revised December 2002
SPRS017B
The enhanced emulation features provide the following debugging capabilities:
•
Single processor (MCU only) and multiprocessor (MCU and DSP) debug
•
High-level language and assembly debug (run, halt, step...)
•
Real-time (MCU continuously running) or non-real-time (MCU stopped) debug options
•
Supports both 32- and 16-bit ARM7TDMI modes
•
Endianess transparency
•
Unlimited breakpoints via opcode replacement (software breakpoint)
•
Two hardware breakpoints (one configurable as software breakpoint) with maskable cycle type, address
and data compare
•
Two external breakpoint events (EMU0, EMU1 pins)
•
Internal events generate external triggers
•
Benchmarking/profiling capability
4.1.2 MCU Memory Space
The MCU memory space includes internal RAM, internal peripherals, and areas for access to external
memories and peripherals connected to the CS0−CS3 and CS4 pins, and external SDRAM. The MCU
memory map is summarized in Table 4−1.
Table 4−1. MCU Memory Space
NAME
START ADDRESS
STOP ADDRESS
SIZE IN BYTES
DATA ACCESS
CS0
0000:0000
007F:FFFF
8M
8/16/32
CS1
0080:0000
00FF:FFFF
8M
8/16/32
CS2
0100:0000
017F:FFFF
8M
8/16/32
CS3
0180:0000
01FF:FFFF
8M
8/16/32
CS4
0200:0000
027F:FFFF
8M
8/16/32
Reserved
0280:0000
0FFF:FFFF
SDRAM_CS
1000:0000
11FF:FFFF
32M
8/16/32
Reserved
1200:0000
FFBF:FFFF
Internal SRAM
FFC0:0000
FFC0:3FFF
16K
8/16/32
Reserved
FFC0:4000
FFDF:FFFF
API RAM
FFE0:0000
FFE0:3FFF
16K
16/32
Reserved
FFE0:4000
FFF3:FFFF
API registers
FFE4:0000
FFE4:0001
2
16
Reserved
FFE4:0002
FFFF:07FF
UART_IRDA
FFFF:0800
FFFF:0FFF
2K
32
UART
FFFF:1000
FFFF:17FF
2K
32
I2C
FFFF:1800
FFFF:1FFF
2K
32
SPI
FFFF:2000
FFFF:27FF
2K
32
GPIO
FFFF:2800
FFFF:28FF
256
32
KGPIO
FFFF:2900
FFFF:29FF
256
32
Timer0
FFFF:2A00
FFFF:2AFF
256
32
Timer1
FFFF:2B00
FFFF:2BFF
256
32
Timer2
FFFF:2C00
FFFF:2CFF
256
32
INTH
FFFF:2D00
FFFF:2DFF
256
32
MEMINT
FFFF:2E00
FFFF:2EFF
256
32
CLKM
FFFF:2F00
FFFF:2FFF
256
32
SDRAMIF
FFFF:3000
FFFF:30FF
256
32
Reserved
FFFF:3100
FFFF:31FF
ARM_PLL
FFFF:3200
FFFF:32FF
256
32
Reserved
FFFF:3300
FFFF:FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com