Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5470ZHKA Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 33Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 34Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 35Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 36Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 37Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 38Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 39Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 40Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 94 page
background image
MCU Subsystem Functional Overview
28
December 2001 − Revised December 2002
SPRS017B
4
MCU Subsystem Functional Overview
The 5470 MCU subsystem includes TI’s emulation-enhanced ARM7TDMI microcontroller core and several
peripherals including SPI and I2C interfaces, UARTs, timers, general-purpose input/output, and external
memory interface. The MCU subsystem provides 4K x 32 bits of general-purpose RAM and 4K x 32 bits of
Ethernet packet RAM. The following description of the 5470 MCU subsystem is based on Figure 4−1.
4.1
MCU Core
The MCU subsystem uses Texas Instruments’ emulation-enhanced ARM71TDMIE core, a derivative of the
ARM Limited ARM7TDMI core. The ARM7TDMI processor core is a member of the ARM7 Thumb
 family.
It is a low power 32-bit RISC processor incorporating the Thumb 16-bit compressed instruction set. This
microprocessor executes 32-bit or 16-bit instructions and on 32-, 16-, or 8-bit data. The excellent code density
achieved with Thumb leads to system cost reductions by reducing the required memory size and achieving
32-bit system performance from 16-bit wide memories.
Interrupt
Handler
I2C
ARM7TDMIE
Memory I/F
DSPSS
I/F
Timer
Timer
Watchdog
SPI
Clock
Manager
PLL
4K
× 32
Packet RAM
UART
UART/IRDA
GPIO/Keypad
FLASH,
SDRAM,
etc.
I2C Device
Keypad
General-
Purpose
I/Os
SPI Device
IRDA
Transceiver
RS232
Transceiver
Clock
Oscillator
MCU Subsystem
DSP Subsystem
Figure 4−1. 5470 MCU Subsystem Functional Block Diagram
4.1.1 ARM7TDMI Emulation Features
The MCU subsystem’s ARM7TDMI core has been enhanced by TI with additional debugging features that
are available to emulation tools which understand TI’s ARM7TDMIE core. ARM7TDMI emulation tools which
are not specifically created with support for the ARM7TDMIE core’s emulation extensions are unable to take
advantage of these debugging features.
Thumb is a registered trademark of ARM Limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com