Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MVZ2 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MVZ2 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MVZ2 Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
63
Table 6. Power/ground segmentation
Power Segment
Voltage
I/O Pins Powered by Segment
VDDE2
1.8 V - 3.3 V
CS0, CS1, CS2, CS3,RD_WR, BDIP, WE0, WE1, OE, TS, TA
VDDE3
1.8 V - 3.3 V
ADDR12, ADDR13, ADDR14, ADDR15
VDDE5
1.8 V - 3.3 V
DATA0, DATA1, DATA2, DATA3, DATA4, DATA5, DATA6,
DATA7, DATA8, DATA9, DATA10, DATA11, DATA12, DATA13,
DATA14, DATA15, CLKOUT, ENGCLK
VDDE12
1.8 V - 3.3 V
CAL_CS0, CAL_CS2, CAL_CS3 CAL_ADDR12,
CAL_ADDR13, CAL_ADDR14, CAL_ADDR15,
CAL_ADDR16, CAL_ADDR17, CAL_ADDR18,
CAL_ADDR19, CAL_ADDR20, CAL_ADDR21,
CAL_ADDR22, CAL_ADDR23, CAL_ADDR24,
CAL_ADDR25, CAL_ADDR26, CAL_ADDR27,
CAL_ADDR28, CAL_ADDR29, CAL_ADDR30, CAL_DATA0,
CAL_DATA1, CAL_DATA2, CAL_DATA3, CAL_DATA4,
CAL_DATA5, CAL_DATA6, CAL_DATA7, CAL_DATA8,
CAL_DATA9, CAL_DATA10, CAL_DATA11, CAL_DATA12,
CAL_DATA13, CAL_DATA14, CAL_DATA15, CAL_RD_WR,
CAL_WE0, CAL_WE1, CAL_OE, CAL_TS
VDDE-EH
3.0 V - 5 V
ADDR16, ADDR17, ADDR18, ADDR19, ADDR20, ADDR21,
ADDR22, ADDR23, ADDR24, ADDR25, ADDR26, ADDR27,
ADDR28, ADDR29, ADDR30, ADDR31
VDDEH1
3.3 V - 5.0 V
ETPUA10, ETPUA11, ETPUA12, ETPUA13, ETPUA14,
ETPUA15, ETPUA16, ETPUA17, ETPUA18, ETPUA19,
ETPUA20, ETPUA21, ETPUA22, ETPUA23, ETPUA24,
ETPUA25, ETPUA26, ETPUA27, ETPUA28, ETPUA29,
ETPUA30, ETPUA31
VDDEH4
3.3 V - 5.0 V
EMIOS0, EMIOS1, EMIOS2, EMIOS3, EMIOS4, EMIOS5,
EMIOS6, EMIOS7, EMIOS8, EMIOS9, EMIOS10, EMIOS11,
EMIOS12, EMIOS13, EMIOS14, EMIOS15, EMIOS16,
EMIOS17, EMIOS18, EMIOS19, EMIOS20, EMIOS21,
EMIOS22, EMIOS23, TCRCLKA, ETPUA0, ETPUA1,
ETPUA2, ETPUA3, ETPUA4, ETPUA5, ETPUA6, ETPUA7,
ETPUA8, ETPUA9, ETPUA0
VDDEH6
3.3 V - 5.0 V
RESET, RSTOUT, PLLREF, PLLCFG1, RSTCFG,
BOOTCFG0, BOOTCFG1, WKPCFG, CAN_A_TX,
CAN_A_RX, CAN_B_TX, CAN_B_RX, CAN_C_TX,
CAN_C_RX, SCI_A_TX, SCI_A_RX, SCI_B_TX, SCI_C_RX,
DSPI_B_SCK, DSPI_B_SIN, DSPI_B_SOUT,
DSPI_B_PCS[0], DSPI_B_PCS[1], DSPI_B_PCS[2],
DSPI_B_PCS[3], DSPI_B_PCS[4], DSPI_B_PCS[5],
SCI_B_RX, SCI_C_TX, EXTAL, XTAL
VDDEH7
3.3 V - 5.0 V
EMIOS14, EMIOS 15, GPIO98, GPIO99, GPIO203, GPIO204,
GPIO206, GPIO207, GPIO219, EVTI, EVTO, MDO4, MDO5,
MDO6, MDO7, MDO8, MDO9, MDO10, MDO11, MSEO0,
MSEO1, RDY, TCK, TDI, TDO, TMS, JCOMP, DSPI_A_SCK,
DSPI_A_SIN, DSPI_A_SOUT, DSPI_A_PCS[0],
DSPI_A_PCS[1], DSPI_A_PCS[4], DSPI_A_PCS[5],
AN12-SDS, AN13-SDO, AN14-SDI, AN15-FCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com