Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MVZ2 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MVZ2 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MVZ2 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 101Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
98
3.17
AC timing
3.17.1
Reset and configuration pin timing
Figure 10. Reset and Configuration Pin Timing
Table 37. Reset and Configuration Pin Timing1
1 Reset timing specified at: VDDEH = 3.0 V to 5.25 V, VDD = 1.14 V to 1.32 V, TA =TL to TH.
#
Characteristic
Symbol
Min
Max
Unit
1
RESET Pulse Width2
2 RESET pulse width is measured from 50% of the falling edge to 50% of the rising edge.
tRPW
10
—
tcyc
2
RESET Glitch Detect Pulse Width
tGPW
2—
tcyc
3
PLLREF, BOOTCFG, WKPCFG Setup Time to RSTOUT Valid
tRCSU
10
—
tcyc
4
PLLREF, BOOTCFG, WKPCFG Hold Time to RSTOUT Valid
tRCH
0—
tcyc
1
2
RESET
RSTOUT
WKPCFG
3
4
BOOTCFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com