Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MVZ2 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MVZ2 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MVZ2 Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 22Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
19
1.4.23
Calibration EBI
The Calibration EBI controls data transfer across the crossbar switch to/from memories or peripherals attached to the VertiCal
connector in the calibration address space. The Calibration EBI is only available in the VertiCal Calibration System.
Features include:
•
1.8 V to 3.3 V ± 10% I/O (1.6 V to 3.6 V)
•
Memory controller supports various memory types
•
16-bit data bus, up to 22-bit address bus
•
Pin muxing supports 32-bit muxed bus
•
Selectable drive strength
•
Configurable bus speed modes
•
Bus monitor
•
Configurable wait states
1.4.24
Power management controller (PMC)
The power management controller contains circuitry to generate the internal 3.3 V supply and to control the regulation of 1.2 V
supply with an external NPN ballast transistor. It also contains low voltage inhibit (LVI) and power-on reset (POR) circuits for
the 1.2 V supply, the 3.3 V supply, the 3.3 V/5 V supply of the closest I/O segment (VDDEH1) and the 5 V supply of the
regulators (VDDREG).
1.4.25
Nexus port controller
The NPC (Nexus Port Controller) block provides real-time Nexus Class3+ development support capabilities for the MPC5644A
Power Architecture-based MCU in compliance with the IEEE-ISTO 5001-2003 and 2010 standards. MDO port widths of 4 pins
and 12 pins are available in all packages.
1.4.26
JTAG
The JTAGC (JTAG Controller) block provides the means to test chip functionality and connectivity while remaining transparent
to system logic when not in test mode. Testing is performed via a boundary scan technique, as defined in the IEEE 1149.1-2001
standard. All data input to and output from the JTAGC block is communicated in serial format. The JTAGC block is compliant
with the IEEE 1149.1-2001 standard and supports the following features:
•
IEEE 1149.1-2001 Test Access Port (TAP) interface 4 pins (TDI, TMS, TCK, and TDO)
•
A 5-bit instruction register that supports the following IEEE 1149.1-2001 defined instructions:
— BYPASS, IDCODE, EXTEST, SAMPLE, SAMPLE/PRELOAD, HIGHZ, CLAMP
•
A 5-bit instruction register that supports the additional following public instructions:
— ACCESS_AUX_TAP_NPC
— ACCESS_AUX_TAP_ONCE
— ACCESS_AUX_TAP_eTPU
— ACCESS_CENSOR
•
3 test data registers to support JTAG Boundary Scan mode
— Bypass register
— Boundary scan register
— Device identification register
•
A TAP controller state machine that controls the operation of the data registers, instruction register and associated
circuitry
•
Censorship Inhibit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com