Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MVZ2 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MVZ2 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MVZ2 Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
17
— 1 receive FIFO per channel
— Up to 255 entries for each FIFO
•
ECC support
1.4.18
System timers
The system timers include two distinct types of system timer:
•
Periodic interrupts/triggers using the Periodic Interrupt Timer (PIT)
•
Operating system task monitors using the System Timer Module (STM)
1.4.18.1
Periodic interrupt timer (PIT)
The PIT provides five independent timer channels, capable of producing periodic interrupts and periodic triggers. The PIT has
no external input or output pins and is intended to provide system ‘tick’ signals to the operating system, as well as periodic
triggers for eQADC queues. Of the five channels in the PIT, four are clocked by the system clock and one is clocked by the
crystal clock. This one channel is also referred to as Real-Time Interrupt (RTI) and is used to wake up the device from low power
stop mode.
The following features are implemented in the PIT:
•
5 independent timer channels
•
Each channel includes 32-bit wide down counter with automatic reload
•
4 channels clocked from system clock
•
1 channel clocked from crystal clock (wake-up timer)
•
Wake-up timer remains active when System STOP mode is entered; used to restart system clock after predefined
time-out period
•
Each channel optionally able to generate an interrupt request or a trigger event (to trigger eQADC queues) when timer
reaches zero
1.4.18.2
System timer module (STM)
The System Timer Module (STM) is designed to implement the software task monitor as defined by AUTOSAR1. It consists
of a single 32-bit counter, clocked by the system clock, and four independent timer comparators. These comparators produce a
CPU interrupt when the timer exceeds the programmed value.
The following features are implemented in the STM:
•
One 32-bit up counter with 8-bit prescaler
•
Four 32-bit compare channels
•
Independent interrupt source for each channel
•
Counter can be stopped in debug mode
1.4.19
Software watchdog timer (SWT)
The Software Watchdog Timer (SWT) is a second watchdog module to complement the standard Power Architecture watchdog
integrated in the CPU core. The SWT is a 32-bit modulus counter, clocked by the system clock or the crystal clock, that can
provide a system reset or interrupt request when the correct software key is not written within the required time window.
The following features are implemented:
•
32-bit modulus counter
•
Clocked by system clock or crystal clock
1.AUTOSAR: AUTomotive Open System ARchitecture (see http://www.autosar.org)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com