Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MVZ2 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MVZ2 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MVZ2 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
86
3.9.1
I/O pad VRC33 current specifications
The power consumption of the VRC33 supply is dependent on the usage of the pins on all I/O segments. The power consumption
is the sum of all input and output pin VRC33 currents for all I/O segments. The output pin VRC33 current can be calculated from
Table 23 based on the voltage, frequency, and load on all fast pad pins. The input pin VRC33 current can be calculated from
Table 23 based on the voltage, frequency, and load on all medium-speed pads. Use linear scaling to calculate pin currents for
voltage, frequency, and load parameters that fall outside the values given in Table 23.
Table 23. I/O pad VRC33 average IDDE specifications1
1 These are typical values that are estimated from simulation and not tested. Currents apply to output pins only.
Pad Type
Symbol
C
Period
(ns)
Load2
(pF)
2 All loads are lumped.
Drive Select
IDD33 Avg
(µA)
IDD33 RMS
(µA)
Slow
IDRV_SSR_HV
CC
D
100
50
11
0.8
235.7
CC
D
200
50
01
0.04
87.4
CC
D
800
50
00
0.06
47.4
CC
D
800
200
00
0.009
47
Medium
IDRV_MSR_HV
CC
D
40
50
11
2.75
258
CC
D
100
50
01
0.11
76.5
CC
D
500
50
00
0.02
56.2
CC
D
500
200
00
0.01
56.2
MultiV3 (High
Swing Mode)
3 Average current is for pad configured as output only.
IDRV_MULTV_HV
CC
D
20
50
11
33.4
35.4
CC
D
30
50
01
33.4
34.8
CC
D
117
50
00
33.4
33.8
CC
D
212
200
00
33.4
33.7
MultiV4 (Low
Swing Mode)
4 In low swing mode, multi-voltage pads must operate in highest slew rate setting.
IDRV_MULTV_HV
CC
D
30
30
11
33.4
34.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com