Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MVZ2 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MVZ2 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MVZ2 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
76
3.6.2
Regulator Example
In designs where the MPC5644A microcontroller’s internal regulators are used, a ballast is required for generation of the 1.2 V
internal supply. No ballast is required when an external 1.2 V supply is used.
Figure 8. Core voltage regulator controller external components preferred configuration
2 BETA represents the worst-case external transistor. It is measured on a per-part basis and calculated as
(IDD IVRCCTL).
3 Refer to Table 52 for the maximum operating frequency.
4 Values are based on IDD from high-use applications as explained in the IDD Electrical Specification.
Table 17. MPC5644A External network specification
External Network
Parameter
Min
Typ
Max
Comment
T1
NJD2873 or BCP68
only
Cb
1.1
F2.2F2.97F
X7R,-50%/+35%
Ce
3*2.35
F+5F3*4.7F+10F3*6.35F+13.5F
X7R, -50%/+35%
Equivalent ESR of
Ce capacitors
5m
50m
Cd
4*50nF
4*100nF
4*135nF
X7R, -50%/+35%
Rb
9
10
11
+/-10%
MCU
The bypass transistor
MUST be operated out
of saturation region.
Mandatory decoupling
capacitor network
VDDREG
VRCCTL
VDD
VSS
VRCCTL capacitor and resistor is required
Ce
Cd
Cb
Rb
Cc
Creg
Rc
The resistor may or may not be
required. This depends on the
allowable power dissipation of
the npn bypass transistor
device. The resistor may be
used to limit the in-rush current
at power on.
Re
Keep parasitic inductance
under 20nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com