Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5644AF0MVZ2 Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MVZ2 Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MVZ2 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
93
3.13
Configuring SRAM wait states
Use the SWSC field in the ECSM_MUDCR register to specify an additional wait state for the device SRAM. By default, no
wait state is added.
Please see the device reference manual for details.
3.14
Platform flash controller electrical characteristics
3.15
Flash memory electrical characteristics
Table 31. Cutoff frequency for additional SRAM wait state
1
1 Max frequencies including 2% PLL FM.
SWSC Value
98
0
153
1
Table 32. APC, RWSC, WWSC settings vs. frequency of operation1,2
1 APC, RWSC and WWSC are fields in the flash memory BIUCR register used to
specify wait states for address pipelining and read/write accesses. Illegal
combinations exist—all entries must be taken from the same row.
2 TBD: To Be Defined.
Max. Flash Operating
Frequency (MHz)3
3 Max frequencies including 2% PLL FM.
APC4
4 APC must be equal to RWSC.
RWSC4
WWSC
20 MHz
0b000
0b000
0b11
61 MHz
0b001
0b001
0b11
90 MHz
0b010
0b010
0b11
123 MHz
0b011
0b011
0b11
153 MHz
0b100
0b100
0b11
Table 33. Flash program and erase specifications1
#Symbol
C
Parameter
Min.
Value
Typical
Value
Initial
Max2
Max3
Unit
1Tdwprogram CC P
Double Word (64 bits) Program Time
—
38
—
500
s
2Tpprogram CC P
Page Program Time
—
45
1604
500
s
3T16kpperase CC P
16 KB Block Pre-program and Erase
Time
—
270
1000
5000
ms
5T64kpperase CC P
64 KB Block Pre-program and Erase
Time
—
800
1800
5000
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com