Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 20 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 20 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 16Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 17Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 18Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 19Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 20Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 21Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 22Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 23Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 18
© 2009 Microchip Technology Inc.
FIGURE 2-1:
RECOMMENDED
MINIMUM CONNECTION
2.2.1
TANK CAPACITORS
On boards with power traces running longer than six
inches in length, it is suggested to use a tank capacitor
for integrated circuits including DSCs to supply a local
power source. The value of the tank capacitor should
be determined based on the trace resistance that con-
nects the power supply source to the device, and the
maximum current drawn by the device in the applica-
tion. In other words, select the tank capacitor so that it
meets the acceptable voltage sag at the device. Typical
values range from 4.7 µF to 47 µF.
2.3
Capacitor on Internal Voltage
Regulator (VCAP/VDDCORE)
A low-ESR (< 5 Ohms) capacitor is required on the
VCAP/VDDCORE pin, which is used to stabilize the
voltage regulator output voltage. The VCAP/VDDCORE
pin must not be connected to VDD, and must have a
capacitor between 4.7 µF and 10 µF, 16V connected to
ground. The type can be ceramic or tantalum. Refer to
Section 25.0
“Electrical
Characteristics”
for
additional information.
The placement of this capacitor should be close to the
VCAP/VDDCORE. It is recommended that the trace
length not exceed one-quarter inch (6 mm). Refer to
Section 22.2 “On-Chip Voltage Regulator” for
details.
2.4
Master Clear (MCLR) Pin
The MCLR pin provides for two specific device
functions:
• Device Reset
• Device programming and debugging
During device programming and debugging, the
resistance and capacitance that can be added to the
pin must be considered. Device programmers and
debuggers drive the MCLR pin. Consequently,
specific voltage levels (VIH and VIL) and fast signal
transitions must not be adversely affected. Therefore,
specific values of R and C will need to be adjusted
based on the application and PCB requirements.
For example, as shown in Figure 2-2, it is
recommended that the capacitor C, be isolated from
the MCLR pin during programming and debugging
operations.
Place the components shown in Figure 2-2 within
one-quarter inch (6 mm) from the MCLR pin.
FIGURE 2-2:
EXAMPLE OF MCLR PIN
CONNECTIONS
dsPIC33F
VDD
VSS
VSS
VDD
0.1 µF
Ceramic
0.1 µF
Ceramic
0.1 µF
Ceramic
0.1 µF
Ceramic
C
R
VDD
MCLR
0.1 µF
Ceramic
10
Ω
R1
Note 1: R
≤ 10 kΩ is recommended. A suggested
starting value is 10 k
Ω. Ensure that the
MCLR pin VIH and VIL specifications are met.
2: R1
≤ 470Ω will limit any current flowing into
MCLR from the external capacitor C, in the
event of MCLR pin breakdown, due to
Electrostatic Discharge (ESD) or Electrical
Overstress (EOS). Ensure that the MCLR pin
VIH and VIL specifications are met.
C
R1
R
VDD
MCLR
dsPIC33F
JP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com