Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 54 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 54 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 50Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 51Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 52Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 53Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 54Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 55Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 56Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 57Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 322 page
background image
TABLE 4-18:
ECAN1 REGISTER MAP WHEN C1CTRL1.WIN = 0 OR 1 FOR dsPIC33FJXXXGP506/510/706/708/710 DEVICES ONLY
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
C1CTRL1
0400
—
—
CSIDL
ABAT
—
REQOP<2:0>
OPMODE<2:0>
—CANCAP
—
—WIN
0480
C1CTRL2
0402
—
—
—
—
—
—
—
—
—
—
—
DNCNT<4:0>
0000
C1VEC
0404
—
—
—
FILHIT<4:0>
—
ICODE<6:0>
0000
C1FCTRL
0406
DMABS<2:0>
—
—
—
—
—
—
—
—
FSA<4:0>
0000
C1FIFO
0408
—
—FBP<5:0>
—
—
FNRB<5:0>
0000
C1INTF
040A
—
—
TXBO
TXBP
RXBP
TXWAR
RXWAR EWARN
IVRIF
WAKIF
ERRIF
—
FIFOIF
RBOVIF
RBIF
TBIF
0000
C1INTE
040C
—
—
—
—
—
—
—
—
IVRIE
WAKIE
ERRIE
—
FIFOIE
RBOVIE
RBIE
TBIE
0000
C1EC
040E
TERRCNT<7:0>
RERRCNT<7:0>
0000
C1CFG1
0410
—
—
—
—
—
—
—
—
SJW<1:0>
BRP<5:0>
0000
C1CFG2
0412
—WAKFIL
—
—
—
SEG2PH<2:0>
SEG2PHTS
SAM
SEG1PH<2:0>
PRSEG<2:0>
0000
C1FEN1
0414
FLTEN15 FLTEN14 FLTEN13
FLTEN12
FLTEN11
FLTEN10
FLTEN9
FLTEN8
FLTEN7
FLTEN6
FLTEN5
FLTEN4
FLTEN3
FLTEN2 FLTEN1 FLTEN0
FFFF
C1FMSKSEL1
0418
F7MSK<1:0>
F6MSK<1:0>
F5MSK<1:0>
F4MSK<1:0>
F3MSK<1:0>
F2MSK<1:0>
F1MSK<1:0>
F0MSK<1:0>
0000
C1FMSKSEL2
041A
F15MSK<1:0>
F14MSK<1:0>
F13MSK<1:0>
F12MSK<1:0>
F11MSK<1:0>
F10MSK<1:0>
F9MSK<1:0>
F8MSK<1:0>
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-19:
ECAN1 REGISTER MAP WHEN C1CTRL1.WIN = 0 FOR dsPIC33FJXXXGP506/510/706/708/710 DEVICES ONLY
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
0400-
041E
See definition when WIN = x
C1RXFUL1
0420 RXFUL15 RXFUL14 RXFUL13 RXFUL12 RXFUL11 RXFUL10 RXFUL9
RXFUL8
RXFUL7
RXFUL6
RXFUL5
RXFUL4
RXFUL3
RXFUL2
RXFUL1
RXFUL0
0000
C1RXFUL2
0422 RXFUL31 RXFUL30 RXFUL29 RXFUL28 RXFUL27 RXFUL26 RXFUL25 RXFUL24 RXFUL23 RXFUL22 RXFUL21 RXFUL20 RXFUL19 RXFUL18 RXFUL17 RXFUL16
0000
C1RXOVF1
0428 RXOVF15 RXOVF14 RXOVF13 RXOVF12 RXOVF11 RXOVF10 RXOVF9
RXOVF8 RXOVF7 RXOVF6
RXOVF5
RXOVF4
RXOVF3 RXOVF2 RXOVF1
RXOVF0
0000
C1RXOVF2
042A RXOVF31 RXOVF30 RXOVF29 RXOVF28 RXOVF27 RXOVF26 RXOVF25 RXOVF24 RXOVF23 RXOVF22 RXOVF21 RXOVF20 RXOVF19 RXOVF18 RXOVF17 RXOVF16 0000
C1TR01CON 0430
TXEN1
TXABT1
TXLARB1 TXERR1
TXREQ1
RTREN1
TX1PRI<1:0>
TXEN0
TXABAT0 TXLARB0 TXERR0
TXREQ0
RTREN0
TX0PRI<1:0>
0000
C1TR23CON 0432
TXEN3
TXABT3
TXLARB3 TXERR3
TXREQ3
RTREN3
TX3PRI<1:0>
TXEN2
TXABAT2 TXLARB2 TXERR2
TXREQ2
RTREN2
TX2PRI<1:0>
0000
C1TR45CON 0434
TXEN5
TXABT5
TXLARB5 TXERR5
TXREQ5
RTREN5
TX5PRI<1:0>
TXEN4
TXABAT4 TXLARB4 TXERR4
TXREQ4
RTREN4
TX4PRI<1:0>
0000
C1TR67CON 0436
TXEN7
TXABT7
TXLARB7 TXERR7
TXREQ7
RTREN7
TX7PRI<1:0>
TXEN6
TXABAT6 TXLARB6 TXERR6
TXREQ6
RTREN6
TX6PRI<1:0>
xxxx
C1RXD
0440
Received Data Word
xxxx
C1TXD
0442
Transmit Data Word
xxxx
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com