Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 42 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 42 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 38Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 39Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 40Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 41Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 42Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 43Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 44Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 45Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 322 page
background image
TABLE 4-1:
CPU CORE REGISTERS MAP
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
WREG0
0000
Working Register 0
0000
WREG1
0002
Working Register 1
0000
WREG2
0004
Working Register 2
0000
WREG3
0006
Working Register 3
0000
WREG4
0008
Working Register 4
0000
WREG5
000A
Working Register 5
0000
WREG6
000C
Working Register 6
0000
WREG7
000E
Working Register 7
0000
WREG8
0010
Working Register 8
0000
WREG9
0012
Working Register 9
0000
WREG10
0014
Working Register 10
0000
WREG11
0016
Working Register 11
0000
WREG12
0018
Working Register 12
0000
WREG13
001A
Working Register 13
0000
WREG14
001C
Working Register 14
0000
WREG15
001E
Working Register 15
0800
SPLIM
0020
Stack Pointer Limit Register
xxxx
ACCAL
0022
Accumulator A Low Word Register
0000
ACCAH
0024
Accumulator A High Word Register
0000
ACCAU
0026
Accumulator A Upper Word Register
0000
ACCBL
0028
Accumulator B Low Word Register
0000
ACCBH
002A
Accumulator B High Word Register
0000
ACCBU
002C
Accumulator B Upper Word Register
0000
PCL
002E
Program Counter Low Word Register
0000
PCH
0030
—
—
—
—
—
—
—
—
Program Counter High Byte Register
0000
TBLPAG
0032
—
—
—
—
—
—
—
—
Table Page Address Pointer Register
0000
PSVPAG
0034
—
—
—
—
—
—
—
—
Program Memory Visibility Page Address Pointer Register
0000
RCOUNT
0036
Repeat Loop Counter Register
xxxx
DCOUNT
0038
DCOUNT<15:0>
xxxx
DOSTARTL
003A
DOSTARTL<15:1>
0xxxx
DOSTARTH
003C
—
—
—
—
—
—
—
—
—
—
DOSTARTH<5:0>
00xx
DOENDL
003E
DOENDL<15:1>
0xxxx
DOENDH
0040
—
—
—
—
—
—
—
—
—
—
DOENDH
00xx
SR
0042
OA
OB
SA
SB
OAB
SAB
DA
DC
IPL2
IPL1
IPL0
RA
N
OV
Z
C
0000
CORCON
0044
—
—
—US
EDT
DL<2:0>
SATA
SATB
SATDW
ACCSAT
IPL3
PSV
RND
IF
0020
MODCON
0046
XMODEN
YMODEN
—
—
BWM<3:0>
YWM<3:0>
XWM<3:0>
0000
XMODSRT
0048
XS<15:1>
0xxxx
XMODEND
004A
XE<15:1>
1xxxx
YMODSRT
004C
YS<15:1>
0xxxx
YMODEND
004E
YE<15:1>
1xxxx
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com